Electronic Components Datasheet Search
  English  ▼

X  

C9531 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # C9531
Description  PCIX I/O System Clock Generator with EMI Control Features
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9531 Datasheet(HTML) 2 Page - Cypress Semiconductor

  C9531 Datasheet HTML 1Page - Cypress Semiconductor C9531 Datasheet HTML 2Page - Cypress Semiconductor C9531 Datasheet HTML 3Page - Cypress Semiconductor C9531 Datasheet HTML 4Page - Cypress Semiconductor C9531 Datasheet HTML 5Page - Cypress Semiconductor C9531 Datasheet HTML 6Page - Cypress Semiconductor C9531 Datasheet HTML 7Page - Cypress Semiconductor C9531 Datasheet HTML 8Page - Cypress Semiconductor C9531 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
C9531
Document #: 38-07034 Rev. *E
Page 2 of 10
Notes:
2. Pin numbers ending with * indicate that they contain device internal pull-up resistors that will insure that they are sensed as a logic 1 if no external circuitry is
connected to them.
3. A bypass capacitor (0.1
µF) should be placed as close as possible to each VDD pin. If these bypass capacitors are not close to the pins their high frequency filtering
characteristic will be cancelled by the lead inductance of the trace.
4. PWR = Power connection, I = Input, O = Output and I/O = both input and output functionality of the pin(s).
Pin Description[3]
Pin[2]
Name
PWR[4]
I/O
Description
3
XIN
VDDA
I
Crystal Buffer Input Pin. Connects to a crystal, or an external clock
source. Serves as input clock TCLK, in Test mode.
4
XOUT
VDDA
O
Crystal Buffer Output Pin. Connects to a crystal only. When a Can
Oscillator is used or in test mode, this pin is kept unconnected.
1
REF
VDD
O
Buffered inverted outputs of the signal applied at Xin, typically
33.33 or 25.0 MHz.
14*
OE
VDD
I
Output Enable for Clock Bank. Causes the CLK (0:4) output clocks
to be in a three-state condition when driven to a logic low level.
24, 23, 22, 19, 18
CLK(0:4)
VDDP
O
A bank of five XINx1, XINx2, XINx3 and XINx4 output clocks.
8
GOOD#
VDD
O
When his output signal is a logic low level, it indicates that the output
clocks of the bank are locked to the input reference clock. This
output is latched.
6*, 7*
S(0,1)
VDD
I
Clock Bank Selection Bits. These control the clock frequency that will
be present on the outputs of the bank of buffers. See table on page
one for frequency codes and selection values.
20, 25
VDDP
PWR
3.3V common power supply pin for all PCI clocks CLK (0:4).
10*, 11*, 12*
IA(0:2)
VDD
I
SMBus Address Selection Input Pins. See Table 3 on page 3.
15*
SSCG#
VDD
I
Spread Spectrum Clock Generator. Enables Spread Spectrum clock
modulation when at a logic low level, see Spread Spectrum Clocking
on page 6.
28
SDATA
VDD
I/O
Data for the Internal SMBus Circuitry. See Table 3 on page 3.
27
SCLK
VDD
I
Clock for the Internal SMBus Circuitry. See Table 3 on page 3.
13, 17
VDDA
I
Power for Internal Analog Circuitry. This supply should have a
separately decoupled current source from VDD.
2VDD
PWR
Power supply for internal core logic.
5, 9, 16, 21, 26
VSS
PWR
Ground pins for the device.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com