Electronic Components Datasheet Search
  English  ▼

X  

CY2DP314 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2DP314
Description  1:4 Differential Clock/Data Fanout Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP314 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2DP314_05 Datasheet HTML 1Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 2Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 3Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 4Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 5Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 6Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 7Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 8Page - Cypress Semiconductor CY2DP314_05 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CY2DP314
Document #: 38-07550 Rev.*G
Page 5 of 10
Timing Definitions
VIH
VIL
VC M R
VPP
VCM R M in = VEE + 1 .2
VP P ra n g e
0.1V - 1 .3V
VCM R M a x = VCC
VC C
VEE
Figure 1. PECL/ECL Input Waveform Definitions
VI H
VI L
VX
VD I F
V C C = 3. 3V
V X m ax = 0. 9V
V X M i n = 0. 68
V D IF = > =
0. 4V m i n
VC C
VE E
V E E = 0. 0V
Figure 2. HSTL Differential Input Waveform Definitions
tr, tf,
20-80%
VO
Figure 3. ECL/LVPECL Output
VO
VP P
TP D
In p u t
Cl o c k
O u t put
Cl o c k
A n ot he r
O u t put
Cl o c k
TP L H ,
TP H L
tS K ( O )
Figure 4. Propagation Delay (TPD), output pulse skew (|tPLH-tPHL|), and output-to-output skew (tSK(O))
for both CLKA or CLKB to Output Pair, PECL/ECL to PECL/ECL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com