Electronic Components Datasheet Search
  English  ▼

X  

CY2DP314OI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY2DP314OI
Description  1:4 Differential Clock/Data Fanout Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP314OI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY2DP314OI Datasheet HTML 2Page - Cypress Semiconductor CY2DP314OI Datasheet HTML 3Page - Cypress Semiconductor CY2DP314OI Datasheet HTML 4Page - Cypress Semiconductor CY2DP314OI Datasheet HTML 5Page - Cypress Semiconductor CY2DP314OI Datasheet HTML 6Page - Cypress Semiconductor CY2DP314OI Datasheet HTML 7Page - Cypress Semiconductor CY2DP314OI Datasheet HTML 8Page - Cypress Semiconductor CY2DP314OI Datasheet HTML 9Page - Cypress Semiconductor CY2DP314OI Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CY2DP314
Document #: 38-07550 Rev.*G
Page 10 of 10
Document History Page
Document Title: CY2DP314 FastEdge
 SERIES 1:4 Differential Clock/Data Fanout Buffer
Document Number: 38-07550
REV. ECN NO. Issue Date
Orig. of
Change
Description of Change
**
126779
06/13/03
RGL
New data sheet
*A
128940
08/19/03
RGL
Changed the operation value from 1.5 GHz, reduced swing to 3 GHz to from DC to
above 1.5 GHz
Changed VCC value in the IIN parameter from 3.6V to 3.645V.
Changed the VOL min value from VCC–1.9 to VCC–1.945
Changed the IEE max value from 48 mA to 130 mA
Specified the max input frequency (FCLK) to 2200 MHz
Specified the TTB max value to 250 ps
*B
207710
See ECN
RGL
Added Junction Temperature (TJ) parameter in the Absolute Max. Conditions table
Replaced ICC calculation with power calculation in the footnote
*C
237748
See ECN
RGL
Provided data for TBDs to match the device
*D
247603
See ECN RGL/GGK Changed VOH and VOL to match the Char Data
*E
270151
See ECN
RGL
Removed all VBB references
Added Lead-free devices
*F
346157
See ECN
RGL
Minor Change: corrected the CLK_SEL input type to ECL/PECL
*G
393406
See ECN
RGL
Updated Jitter values, Added typical values



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com