Electronic Components Datasheet Search
  English  ▼

X  

CY2DP814ZXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2DP814ZXI
Description  ComLink??Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP814ZXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2DP814ZXI Datasheet HTML 1Page - Cypress Semiconductor CY2DP814ZXI Datasheet HTML 2Page - Cypress Semiconductor CY2DP814ZXI Datasheet HTML 3Page - Cypress Semiconductor CY2DP814ZXI Datasheet HTML 4Page - Cypress Semiconductor CY2DP814ZXI Datasheet HTML 5Page - Cypress Semiconductor CY2DP814ZXI Datasheet HTML 6Page - Cypress Semiconductor CY2DP814ZXI Datasheet HTML 7Page - Cypress Semiconductor CY2DP814ZXI Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1:4 Clock Fanout Buffer
ComLink™ Series
CY2DP814
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document #: 38-07060 Rev. *D
Revised October 24, 2005
Features
• Low-voltage operation
•VDD = 3.3V
• 1:4 fanout
• Single-input configurable for LVDS, LVPECL, or LVTTL
• Four differential pairs of LVPECL outputs
• Drives 50-ohm load
• Low input capacitance
• <4 ns typical propagation delay
• 85 ps typical output-to-output skew
• Industrial versions available
• Available in TSSOP package
Description
The Cypress CY2 series of network circuits are produced
using advanced 0.35-micron CMOS technology, achieving the
industry’s fastest logic.
The Cypress CY2DP814 fanout buffer features a single LVDS-
or a single LVPECL-compatible input and four LVPECL output
pairs.
Designed for data communications clock management appli-
cations, the fanout from a single input reduces loading on the
input clock.
The CY2DP814 is ideal for both level translations from
single-ended to LVPECL and/or for the distribution of
LVDS-based clock signals. The Cypress CY2DP814 has
configurable input between logic families. The input can be
selectable for an LVPECL/LVTTL or LVDS signal, while the
output drivers support LVPECL capable of driving 50-ohm
lines.
Block Diagram
Pin Configuration
OUTPUT
IN+ 6
IN- 7
16 Q1A
15 Q1B
14 Q2A
13 Q2B
10 Q4A
9 Q4B
12 Q3A
11 Q3B
LVDS /
LVPECL /
LVTTL
CONFIG 2
EN1 1
EN2 8
LVPECL
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
16 pin TSSOP / SOIC
EN1
CONFIG
VDD
VDD
IN+
IN-
EN2
GND
Q1A
Q1B
Q2A
Q2B
Q3A
Q3B
Q4A
Q4B


Similar Part No. - CY2DP814ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP814ZXI CYPRESS-CY2DP814ZXI Datasheet
429Kb / 9P
1:4 Clock Fanout Buffer
CY2DP814ZXIT CYPRESS-CY2DP814ZXIT Datasheet
429Kb / 9P
1:4 Clock Fanout Buffer
More results

Similar Description - CY2DP814ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DL814 CYPRESS-CY2DL814_05 Datasheet
190Kb / 8P
ComLink??Series
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com