| Electronic Components Datasheet Search |
|
L9380 Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9380 Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 12 page ![]() SO20 PACKAGE MECHANICAL DATA DIM. mm inch MIN. TYP. MAX. MIN. TYP. MAX. A 2.35 2.65 0.093 0.104 A1 0.1 0.3 0.004 0.012 B 0.33 0.51 0.013 0.020 C 0.23 0.32 0.009 0.013 D 12.6 13 0.496 0.512 E 7.4 7.6 0.291 0.299 e 1.27 0.050 H 10 10.65 0.394 0.419 h 0.25 0.75 0.010 0.030 L 0.4 1.27 0.016 0.050 K 0 (min.)8 (max.) 110 11 20 A e B D E L K H A1 C SO20MEC h x 45˚ L9380 11/12 |