Electronic Components Datasheet Search
  English  ▼

X  

LM2611AMF Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2611AMF
Description  1.4MHz Cuk Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2611AMF Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2611AMF Datasheet HTML 7Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 8Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 9Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 10Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 11Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 12Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 13Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 14Page - National Semiconductor (TI) LM2611AMF Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Application Circuits (Continued)
Split Supply Operation
The LM2611 may be operated with separate power and bias
supplies. In the circuit shown in Figure 12.V
IN is the power
supply that the regulated voltage is derived from, and V
DD is
a low current supply used to bias the LM2611. Conditions for
the supplies are:
2.7V
≤ V
DD
≤ 14V
0V
≤ V
IN
≤ (36-IV
OUTI) V
As the input voltage increases, the maximum output current
capacbility increases. Using a separate, higher voltage sup-
ply for power conversion enables the LM2611 to provide
higher output currents than it would with a single supply that
is limited in voltage by V
IN(MAX).
Shutdown/Soft Start
A soft start circuit is used in switching power supplies to limit
the input inrush current upon start-up. Without a soft-start
circuit, the inrush current can be several times the steady-
state load current, and thus apply unnecessary stress to the
input source. The LM2611 does not have soft-start circuitry,
but implementing the circuit in Figure 13 will lower the peak
inrush current. The SHDN pin is coupled to the output
through C
SS. The LM2611 is toggled between shutdown and
run states while the output slowly decreases to its steady-
state value. The energy required to reach steady-state is
spread over a longer time and the input current spikes
decrease (see Figure 14 and Figure 15).
20018114
FIGURE 12. LM2611 Operating with Separate Power and Biasing Supplies
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com