Electronic Components Datasheet Search
  English  ▼

X  

LM2653 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2653
Description  1.5A High Efficiency Synchronous Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2653 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2653 Datasheet HTML 3Page - National Semiconductor (TI) LM2653 Datasheet HTML 4Page - National Semiconductor (TI) LM2653 Datasheet HTML 5Page - National Semiconductor (TI) LM2653 Datasheet HTML 6Page - National Semiconductor (TI) LM2653 Datasheet HTML 7Page - National Semiconductor (TI) LM2653 Datasheet HTML 8Page - National Semiconductor (TI) LM2653 Datasheet HTML 9Page - National Semiconductor (TI) LM2653 Datasheet HTML 10Page - National Semiconductor (TI) LM2653 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Block Diagram
10104915
Operation
The LM2653 operates in a constant frequency (300 kHz),
current-mode PWM for moderate to heavy loads; and it
automatically switches to hysteretic mode for light loads. In
hysteretic mode, the switching frequency is reduced to keep
the efficiency high.
MAIN OPERATION
When the load current is higher than the sleep mode thresh-
old, the part is always operating in PWM mode. At the
beginning of each switching cycle, the high-side switch is
turned on, the current from the high-side switch is sensed
and compared with the output of the error amplifier (COMP
pin). When the sensed current reaches the COMP pin volt-
age level, the high-side switch is turned off; after 40 ns
(deadtime), the low-side switch is turned on. At the end of the
switching cycle, the low-side switch is turned off; and the
same cycle repeats.
The current of the top switch is sensed by a patented internal
circuitry. This unique technique gets rid of the external sense
resistor, saves cost and size, and improves noise immunity
of the sensed current. A feedforward from the input voltage is
added to reduce the variation of the current limit over the
input voltage range.
When the load current decreases below the sleep mode
theshold, the output voltage will rise slightly, this rise is
sensed by the hysteretic mode comparator which makes the
part go into the hysteretic mode with both the high and low
side switches off. The output voltage starts to drop until it hits
the low threshold of the hysteretic comparator, and the part
immediately goes back to the PWM operation. The output
voltage keeps increasing until it reaches the top hysteretic
threshold, then both the high and low side switches turn off
again, and th same cycle repeats.
PROTECTIONS
The cycle-by-cycle current limit circuitry turns off the high-
side MOSFET whenever the current in MOSFET reaches
2A. A second level current limit is accomplished by the
undervoltage protection: if the load pulls the output voltage
down below 80% of its nominal value, the undervoltage latch
protection will wait for a period of time (set by the capacitor
at the LDELAY pin, see LDELAY CAPACITOR section for
more information). If the output voltage is still below 80% of
its nominal after the waiting period, the latch protection will
be enabled. In the latch protection mode, the low-side MOS-
FET is on and the high-side MOSFET is off. The latch
protection will also be enabled immediately whenever the
output voltage exceeds the overvoltage threshold (110% of
its nominal). Both protections are disabled during start-
up.(See SOFT-START CAPACITOR section and LDELAY
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com