Electronic Components Datasheet Search
  English  ▼

X  

F320C3BD Datasheet(PDF) 22 Page - Intel Corporation

Part # F320C3BD
Description  Advanced Boot Block Flash Memory (C3)
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

F320C3BD Datasheet(HTML) 22 Page - Intel Corporation

Back Button F320C3BD Datasheet HTML 18Page - Intel Corporation F320C3BD Datasheet HTML 19Page - Intel Corporation F320C3BD Datasheet HTML 20Page - Intel Corporation F320C3BD Datasheet HTML 21Page - Intel Corporation F320C3BD Datasheet HTML 22Page - Intel Corporation F320C3BD Datasheet HTML 23Page - Intel Corporation F320C3BD Datasheet HTML 24Page - Intel Corporation F320C3BD Datasheet HTML 25Page - Intel Corporation F320C3BD Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
Intel£ Advanced+ Boot Block Flash Memory (C3)
22
Datasheet
The 12 V VPP mode enhances programming performance during the short period of time typically
found in manufacturing processes; however, it is not intended for extended use. 12 V may be
applied to VPP during Program and Erase operations for a maximum of 1000 cycles on the main
blocks and 2500 cycles on the parameter blocks. VPP may be connected to 12 V for a total of 80
hours maximum. Stressing the device beyond these limits may cause permanent damage.
4.2.2
Suspending and Resuming Program
The Program Suspend command halts an in-progress program operation so that data can be read
from other locations of memory. Once the programming process starts, issuing the Program
Suspend command to the CUI requests that the WSM suspend the program sequence at
predetermined points in the program algorithm. The device continues to output status-register data
after the Program Suspend command is issued. Polling status-register bits SR[7] and SR[2] will
determine when the program operation has been suspended (both will be set to “1”). tWHRH1/
tEHRH1 specify the program-suspend latency.
A Read-Array command can now be issued to the CUI to read data from blocks other than that
which is suspended. The only other valid commands while program is suspended are Read Status
Register, Read Identifier, CFI Query, and Program Resume.
After the Program Resume command is issued to the flash memory, the WSM will continue with
the programming process and status register bits SR[2] and SR[7] will automatically be cleared.
The device automatically outputs status register data when read (see Figure 14, “Program Suspend
/ ResumeFlowchart”on page53) after the Program Resume command is issued. VPP must remain
at thesameVPP level used for program while in program-suspend mode. RP# must also remain at
VIH.
4.3
Erase Mode
To erase a block, issue the Erase Set-up and Erase Confirm commands to the CUI, along with an
address identifying the block to be erased. This address is latched internally when the Erase
Confirm command is issued. Block erasure results in all bits within the block being set to “1.” Only
one block can be erased at a time. The WSM will execute a sequence of internally timed events to
program all bits within the block to “0,” erase all bits within the block to “1,” then verify that all
bits within the block are sufficiently erased. While the erase executes, status bit 7 is a “0.”
When the status register indicates that erasure is complete, check the erase-status bit to verify that
the Erase operation was successful. If the Erase operation was unsuccessful, SR[5] of the status
register will be set to a “1,” indicating an erase failure. If VPP was not within acceptable limits after
the Erase Confirm command was issued, the WSM will not execute the erase sequence; instead,
SR[5] of the status register is set to indicate an erase error, and SR[3] is set to a “1” to identify that
VPP supply voltage was not within acceptable limits.
After an Erase operation, clear the status register (0x50) before attempting the next operation. Any
CUI instruction can follow after erasure is completed; however, to prevent inadvertent status-
register reads, it is advisable to place the flash in read-array mode after the erase is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com