Electronic Components Datasheet Search
  English  ▼

X  

TMUX4821 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMUX4821
Description  TMUX48xx ±15V Beyond the Supply, 1:1 2-Channel, 2:1 1-Channel, Power-Off Protection Switch, with 0.16Ω Ron, 1.2V and 1.8V Compatible Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX4821 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMUX4821 Datasheet HTML 11Page - Texas Instruments TMUX4821 Datasheet HTML 12Page - Texas Instruments TMUX4821 Datasheet HTML 13Page - Texas Instruments TMUX4821 Datasheet HTML 14Page - Texas Instruments TMUX4821 Datasheet HTML 15Page - Texas Instruments TMUX4821 Datasheet HTML 16Page - Texas Instruments TMUX4821 Datasheet HTML 17Page - Texas Instruments TMUX4821 Datasheet HTML 18Page - Texas Instruments TMUX4821 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
14.2 On-Leakage Current
Source on-leakage current is defined as the leakage current flowing into or out of the source pin when the switch
is on. This current is denoted by the symbol IS(ON). Drain on-leakage current is defined as the leakage current
flowing into or out of the drain pin when the switch is on. This current is denoted by the symbol ID(ON). Either the
source pin or drain pin is left floating during the measurement. Figure 14-2 shows the circuit used for measuring
the on-leakage current, denoted by IS(ON) or ID(ON).
VDD
VDD
SA
GND
VS
SB
D
VD
ID (ON)
VDD
VDD
SA
GND
VS
SB
D
Vs
A
IS (ON)
N.C.
N.C.
A
Figure 14-2. On-Leakage Measurement Setup
14.3 Off-Leakage Current
Source and drain off-leakage current is defined as the leakage current flowing into or out of the source or drain
pin when the switch is off. This current is denoted by the symbol IS(OFF) and ID(OFF). Figure 14-3 shows the setup
used to measure off-leakage current.
VDD
SA
SB
GND
VS
D
VD
A
IS (OFF)
VD
Figure 14-3. Off-Leakage Measurement Setup
14.4 Power-Off Leakage Current
Powered-off source and drain leakage current is defined as the leakage current flowing into or out of the source
or drain pin when the device is powered off. This current is denoted by the symbol IPS(OFF) and IPD(OFF). Figure
14-4 shows the setup used to measure off-leakage current.
VDD
SA
SB
GND
VS
D
VD
A
IPS (OFF)
VD
SA
SB
GND
VS
D
VD
A
IPD (OFF)
VD
VDD
Figure 14-4. Power-Off Leakage Measurement Setup
www.ti.com
TMUX4821, TMUX4819
SCDS487A – OCTOBER 2025 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TMUX4821 TMUX4819



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com