Electronic Components Datasheet Search
  English  ▼

X  

TXL2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TXL2
Description  UHF Multi Channel Transparent Data Link TX/RX
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TXL2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TXL2 Datasheet HTML 1Page - List of Unclassifed Manufacturers TXL2 Datasheet HTML 2Page - List of Unclassifed Manufacturers TXL2 Datasheet HTML 3Page - List of Unclassifed Manufacturers TXL2 Datasheet HTML 4Page - List of Unclassifed Manufacturers TXL2 Datasheet HTML 5Page - List of Unclassifed Manufacturers TXL2 Datasheet HTML 6Page - List of Unclassifed Manufacturers TXL2 Datasheet HTML 7Page - List of Unclassifed Manufacturers TXL2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TXL2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Radiometrix Ltd
TXL2/RXL2 Data Sheet
page 3
8 holes of 0.7mm dia.
pin spacing 2.54mm (0.1")
12
3
4
5
6
7
8
7mm
42mm
18mm
15.24mm (0.6")
0.3"
1 = RF gnd
2 = RF out
3 = RF gnd
4 = En
5 = Vcc
6 = GND
7 = TXD
8 = SETUP
TXL2
TXL2 Pin description
Pin
Name
Function
1
RF GND
RF ground
2
RF out
50
Ω RF output to the antenna
3
RF GND
RF ground
4
EN
Pull high to enable module (may be tied to Vcc)
5
Vcc
5V regulated power supply (4.75 – 5.25V)
6
GND
Supply ground
7
TXD
Inverted RS232 input (5V CMOS logic, No pullup)
8
TEST/SETUP Pull low to enter test/setup mode (5V CMOS logic, Pullup to 5V)
Notes:
1.
TEST has 47K pullup to Vcc. TXD has none. EN has a 47K pulldown
2.
Vcc must be a 5v regulated supply (4.75 - 5.25v)
3.
Pinout is similar to TX1H, with the addition of pin 8 (located 7.62mm on from pin 7)
4.
TXD is inverted RS232 at 5v cmos levels. To connect to a true RS232 device, inverting a level shifter must be
used (MAX232 type are ideal, but simple NPN transistor switches with pullups often suffice). With typical
microcontrollers and uarts, direct connection is possible.
5.
The TXL2 provides transmit side of a simplex link, but provided no two devices attempt to transmit at one
time, no further restrictions on data transmission need be made, as all transmit timing, valid data identification
and datastream buffering is conducted by the unit. There is no 'transmit enable' pin.
6.
This unit is compatible with the RXL2 receiver and the TDL2A transceiver
7.
A simple addressing structure is included in the datastream. Units may be programmed onto one of eight
addresses (all units are supplied set to default ADDR=0 and default channel=0, 433.925MHz)
Figure 3: TXL2 footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com