Electronic Components Datasheet Search
  English  ▼

X  

LM3488MMX Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3488MMX
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3488MMX Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3488MMX Datasheet HTML 10Page - National Semiconductor (TI) LM3488MMX Datasheet HTML 11Page - National Semiconductor (TI) LM3488MMX Datasheet HTML 12Page - National Semiconductor (TI) LM3488MMX Datasheet HTML 13Page - National Semiconductor (TI) LM3488MMX Datasheet HTML 14Page - National Semiconductor (TI) LM3488MMX Datasheet HTML 15Page - National Semiconductor (TI) LM3488MMX Datasheet HTML 16Page - National Semiconductor (TI) LM3488MMX Datasheet HTML 17Page - National Semiconductor (TI) LM3488MMX Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Functional Description (Continued)
TABLE 1. (Continued)
T
OFF(SYNC) (µsec)
R
SYNC range (k
Ω)
4
55to90
5
70to110
6
85to140
7
100 to 160
8
120 to 190
9
135 to 215
10
150 to 240
It is also necessary to have the width of the synchronization
pulse narrower than the duty cycle of the converter. It is also
necessary to have the synchronization pulse width
≥
300nsecs.
The FA/SYNC/SD pin also functions as a shutdown pin. If a
high signal (refer to the electrical characteristics for definition
of high signal) appears on the FA/SYNC/SD pin, the LM3488
stops switching and goes into a low current mode. The total
supply current of the IC reduces to less than 10µA under
these conditions.
Figure 8 and Figure 9 show implementation of shutdown
function when operating in Frequency adjust mode and syn-
chronization mode respectively. In frequency adjust mode,
connecting the FA/SYNC/SD pin to ground forces the clock
to run at a certain frequency. Pulling this pin high shuts down
the IC. In frequency adjust or synchronization mode, a high
signal for more than 30ms shuts down the IC.
10138816
FIGURE 6. Frequency Adjust
10138815
FIGURE 7. Frequency Synchronization
10138816
FIGURE 8. Shutdown Operation in Frequency Adjust Mode
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com