Electronic Components Datasheet Search
  English  ▼

X  

LM3520SD Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3520SD
Description  Integrated White LED Driver with Organic LED Display Power Supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3520SD Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM3520SD Datasheet HTML 5Page - National Semiconductor (TI) LM3520SD Datasheet HTML 6Page - National Semiconductor (TI) LM3520SD Datasheet HTML 7Page - National Semiconductor (TI) LM3520SD Datasheet HTML 8Page - National Semiconductor (TI) LM3520SD Datasheet HTML 9Page - National Semiconductor (TI) LM3520SD Datasheet HTML 10Page - National Semiconductor (TI) LM3520SD Datasheet HTML 11Page - National Semiconductor (TI) LM3520SD Datasheet HTML 12Page - National Semiconductor (TI) LM3520SD Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Typical Performance Characteristics Typical Application circuit Figure 1, V
IN = 3.6V, L = 10µH, D =
CMMSHI-40, C
IN = 10µF, COUT =1µF,TA = 25˚C , Unless otherwise Stated. (Continued)
Main Display Efficiency (2 LEDs)
Vsub Efficiency vs. Load (Vsub = 15V)
20128823
20128825
Vsub Efficiency vs. Load (Vsub = 18V)
Vsub Efficiency vs. Load (Vsub = 20V)
20128824
20128826
Typical PWM Switching Waveform
(Vin = 3.6V at 30mA LED Current)
Typical PWM Switching Waveform
(Vin = 3.6V at 4mA LED Current)
20128837
20128839
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com