Electronic Components Datasheet Search
  English  ▼

X  

LM3670 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3670
Description  Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3670 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3670 Datasheet HTML 9Page - National Semiconductor (TI) LM3670 Datasheet HTML 10Page - National Semiconductor (TI) LM3670 Datasheet HTML 11Page - National Semiconductor (TI) LM3670 Datasheet HTML 12Page - National Semiconductor (TI) LM3670 Datasheet HTML 13Page - National Semiconductor (TI) LM3670 Datasheet HTML 14Page - National Semiconductor (TI) LM3670 Datasheet HTML 15Page - National Semiconductor (TI) LM3670 Datasheet HTML 16Page - National Semiconductor (TI) LM3670 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application Information (Continued)
TABLE 3. Adjustable LM3670 Configurations for Various V
OUT (Continued)
VOUT (V)
R1 (K
Ω)R2 (KΩ)
C1 (pF)
C2 (pF)
L (µH)
CIN (µF)
COUT (µF)
1.1
240
200
68
none
4.7
4.7
10
1.2
280
200
56
none
4.7
4.7
10
1.24
300
200
56
none
4.7
4.7
10
1.24
221
150
75
120
4.7
4.7
10
1.5
402
200
39
none
10
4.7
10
1.6
442
200
39
none
10
4.7
10
1.7
487
200
33
none
10
4.7
10
1.875
549
200
30
none
10
4.7
14.7
Note:
(10
||
4.7)
2.5
806
200
22
82
10
4.7
22
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com