Electronic Components Datasheet Search
  English  ▼

X  

2510 Datasheet(PDF) 3 Page - B&K Precision Corporation

Part # 2510
Description  Handheld Digital Storage Oscilloscopes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

2510 Datasheet(HTML) 3 Page - B&K Precision Corporation

  2510 Datasheet HTML 1Page - B&K Precision Corporation 2510 Datasheet HTML 2Page - B&K Precision Corporation 2510 Datasheet HTML 3Page - B&K Precision Corporation 2510 Datasheet HTML 4Page - B&K Precision Corporation 2510 Datasheet HTML 5Page - B&K Precision Corporation 2510 Datasheet HTML 6Page - B&K Precision Corporation 2510 Datasheet HTML 7Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.bkprecision.com
Handheld Digital Storage Oscilloscopes
2510 Series
3
Filter out unwanted signal components such as
various types of noise with built-in digital filters.
Choose from Low-Pass, High-Pass, Band-Pass,
and Band-Stop filters.
PC software provided (free download from
www.bkprecision.com) for seamless integration
between the oscilloscope and PC. Capture and
transfer waveforms, screen images, setups and
measurement results to a Windows PC via the USB
device port on the side of the instrument. A USB
host port is also available for quick and easy screen
saving.
Monitor and analyze long-term signal behavior by
recording data continuously over a period of time.
These modes allow recorded data to be played back
for post acquisition analysis.
Display and measure the input signal’s frequency
spectrum. Select one of the 4 FFT windows:
Rectangular, Hanning, Hamming, and Blackman.
Use cursors to measure the spectral component’s
magnitude and frequency.
Capture intermittent errors in your system.
The trend plot function can be used with the
oscilloscope or built-in DMM to plot measurement
values over time. Up to two voltage or time
parameters can be selected by the scope, and any
one of the multimeter’s measurement functions
can be graphed. These data points can then be
exported to a CSV file for further analysis.
Quickly troubleshoot in the field using battery
powered operation. Built for portability, the 2510
Series handheld digital oscilloscopes are rugged,
compact, and lightweight. All models come
standard with travel case for safe transport on the
road.
See more details in your waveform with deep
memory. When enabled, waveforms can be
captured in high resolution while maintaining a
high sample rate over a wider period of time than
other comparable scopes.
Speed up troubleshooting with the built-in 6000-count
multimeter. Measurement functions include AC/DC
voltage and current, resistance, capacitance, diode, and
continuity test.
The tools you need
Digital Filtering
PC Connectivity
Scope and Waveform Recorder Modes
Powerful Measurement Functions
Scope and Meter Trend Plot Functions
Portable Operation
2 Mpts Deep Memory
Scope Trend Plot
Meter Trend Plot
Built-in Digital Multimeter



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com