Electronic Components Datasheet Search
  English  ▼

X  

2680 Datasheet(PDF) 2 Page - B&K Precision Corporation

Part # 2680
Description  Spectrum Analyzers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

2680 Datasheet(HTML) 2 Page - B&K Precision Corporation

  2680 Datasheet HTML 1Page - B&K Precision Corporation 2680 Datasheet HTML 2Page - B&K Precision Corporation 2680 Datasheet HTML 3Page - B&K Precision Corporation 2680 Datasheet HTML 4Page - B&K Precision Corporation 2680 Datasheet HTML 5Page - B&K Precision Corporation 2680 Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Spectrum Analyzers
2680 Series
2
www.bkprecision.com
Front panel
Side & rear panel
LCD display
10.1 inch TFT high resolution color
display to view critical detail in the
spectrum
Function keys
Setup measurement modes
and activate context based
help for each key which also
includes SCPI information
where applicable
RF input
Tracking generator output
For gain/loss, antenna, and cable
measurements. Standard on all
models
Earphone jack
Listen to demodulated
AM or FM signals
Trigger input
External TTL signal to
initiate sweep
Control keys
Use the rotary knob, arrow
keys or alpha numeric keys
to adjust values
USB host port
Store or recall
analyzer settings
and save screen
captures
Kensington security slot
Secure your spectrum analyzer
and prevent theft
Power
switch
Remote interface
USB and LAN
connections
Menu control keys
Provide quick access to the
most common functions in the
current mode
10 MHz REF input/
output
Synchronize multiple
instruments



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com