Electronic Components Datasheet Search
  English  ▼

X  

PR250B Datasheet(PDF) 1 Page - B&K Precision Corporation

Part # PR250B
Description  General Accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

PR250B Datasheet(HTML) 1 Page - B&K Precision Corporation

  PR250B Datasheet HTML 1Page - B&K Precision Corporation PR250B Datasheet HTML 2Page - B&K Precision Corporation PR250B Datasheet HTML 3Page - B&K Precision Corporation PR250B Datasheet HTML 4Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Accessories
Power Supply & Oscilloscope Probes
CP62 300 kHz AC/DC Oscilloscope
Current Clamp Probe
The CP62 current probe allows a general purpose
oscilloscope to display AC and DC current signals up to
100 A Peak (70 A RMS). The CP62 current probe can also
make AC and DC measurements with a multimeter by using
the recommended accessory TL62 (BNC-to-banana)
plug adapter.
Description
Qty.
IEC rating
Max current
Retractile lead, 100 cm
*3
600 V CAT II
36 A
6/4mm spade lug adapter
*3
33 Vdc/ 70 Vac
36 A
BNC cable assembly, 100 cm
1
500 Vrms
3 A
BNC female to double banana plugs
1
500 Vrms
3 A
Banana plug adapter
*3
33 Vdc/ 70 Vac
36 A
BNC male to double binding posts
1
500 Vrms
3 A
Insulated alligator clip
*3
600 V CAT IV
36 A
*Colors: Black, red & green
■
■
High capacity retractable sheath silicone jacketed leads
■
■
Extra-large insulated alligator clips
■
■
Black, red and green components
■
■
Storage case
TLPWR1 High Current Premium Test Lead Accessory
High quality red and black cable with externally braided wrap with large
fork-type spade connectors for connecting to high current power supplies
or DC loads.
■
■
Length: 2 m
■
■
Rated current: 60 A
■
■
Gauge: 8 AWG
■
■
Connector inner diameter: 8 mm (approximate)
■
■
Connector outer width: 15 mm (approximate)
■
■
Wire material: flexible silicon jacket
Description
Qty.
IEC Rating
Max current
Retractile leads, 120cm
*2
600 V CAT II
25 A
6/4mm Spade lug adapters
*2
33 VDC/ 70 VAC
36 A
Standard alligator clips
*2
300 V CAT I
3 A
4mm Banana plug adapters
*2
33 VDC/ 70 VAC
36 A
Insulated alligator clips
*3
600 V CAT IV
36 A
Sense lead pair, 1 m
*1
33 VDC/ 70 VAC
3 A
TLPS Power Supply Accessory Kit
This accessory kit combines safety and functionality. A must have for anyone who
uses a power supply, this kit is ideal for use with power supplies in educational,
service and maintenance, and manufacturing applications.
Carrying Cases
*Colors: Black & Red
TL 5A & TL 30 Power Supply Leads
Description
Qty.
IEC rating
Max current
Model
Leads, 4 mm banana plug
leads, 100 cm
*2
33 VDC/ 70 VAC
5 A
TL 5A
Cables, #10 lug to battery
clip, 75 cm
*2
33 VDC/ 70 VAC
30 A
TL 30
TL 5A
TL 30
■
■
50 mA to 100 Apk
■
■
DC to 300 kHz
■
■
Medium and large insulated alligator clips
■
■
Black and red components
■
■
Sense lead included
CC545 General Purpose Power Supply Accessory Kit
This kit provides everything needed to put a bench power supply to work. The kit
includes 3 high capacity test leads with retractile sleeve plugs. Rated at 600 V
CAT II and 36 A, the leads provide safe connection to either standard or sheathed
jacks while its silicone jacket wire stays flexible under all conditions.
*Colors: Black & Red
68


Similar Part No. - PR250B

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
PR250KN8N KSS-PR250KN8N Datasheet
216Kb / 4P
Diode
logo
B&K Precision Corporati...
PR250SA BK-PR250SA Datasheet
473Kb / 7P
Handheld Digital Storage Oscilloscopes
More results

Similar Description - PR250B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
40VDCKIT ETC2-40VDCKIT Datasheet
79Kb / 1P
General Accessories DC Voltage Kits
CONG1A-A5 ETC2-CONG1A-A5 Datasheet
66Kb / 2P
General Accessories Plugs Type CONG
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
Accessories
logo
Carlo Gavazzi Holding A...
CONB54NF-A2W CARLOGAVAZZI-CONB54NF-A2W Datasheet
345Kb / 2P
General Accessories M8 IP69K Connector Cables
CONB53NF-APT2P CARLOGAVAZZI-CONB53NF-APT2P Datasheet
337Kb / 3P
General Accessories Connectors
CONB14NF-APT2P CARLOGAVAZZI-CONB14NF-APT2P Datasheet
550Kb / 3P
General Accessories Connector Cables
CONB14NF-AP2W CARLOGAVAZZI-CONB14NF-AP2W Datasheet
319Kb / 3P
General Accessories IP69K Connector Cables
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
Accessories
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
Accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com