Electronic Components Datasheet Search
  English  ▼

X  

MAX364 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX364
Description  Precision, Quad, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX364 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX364 Datasheet HTML 1Page - Maxim Integrated Products MAX364 Datasheet HTML 2Page - Maxim Integrated Products MAX364 Datasheet HTML 3Page - Maxim Integrated Products MAX364 Datasheet HTML 4Page - Maxim Integrated Products MAX364 Datasheet HTML 5Page - Maxim Integrated Products MAX364 Datasheet HTML 6Page - Maxim Integrated Products MAX364 Datasheet HTML 7Page - Maxim Integrated Products MAX364 Datasheet HTML 8Page - Maxim Integrated Products MAX364 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Precision, Quad, SPST Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = 15V, V- = -15V, VL = 5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
TA = +25°C
SYMBOL
MIN
TYP
MAX
(Note 2)
TA = TMIN to TMAX
UNITS
TA = +25°C
I-
-5
5
µA
Negative Supply Current
TA = TMIN to TMAX
-1
-0.0001
1
Positive Supply Current
I+
-1
0.001
1
TA = +25°C
TA = +25°C
-1
0.001
1
Logic Supply Current
IL
-5
5
µA
Turn-On Time
VNO or VNC = ±10V, Figure 2
tON
-1
-0.0001
1
150
250
Ground Current
ns
IGND
-5
5
µA
Power-Supply Range
V+, V-
±4.5
±20.0
V
TA = TMIN to TMAX
CONDITIONS
All channels on or off,
VIN = 0V or 5V,
V+ = 16.5V, V- = -16.5V
-5
5
All channels on or off,
VIN = 0V or 5V,
V+ = 16.5V, V- = -16.5V
All channels on or off,
VIN = 0V or 5V,
V+ = 16.5V, V- = -16.5V
µA
TA = TMIN to TMAX
All channels on or off,
VIN = 0V or 5V,
V+ = 16.5V, V- = -16.5V
TA = +25°C
TA = +25°C
Turn-Off Time
MAX364, VNO or VNC = ±10V,
Figure 2
90
120
ns
TA = +25°C
MAX365, VNO or VNC = ±10V,
Figure 2
tOFF
110
170
ns
TA = +25°C
Off Isolation (Note 5)
OIRR
60
dB
TA = +25°C
Charge Injection
Q
510
pC
TA = +25°C
Crosstalk (Note 6)
100
dB
TA = +25°C
NC_ or NO_ Off
Capacitance
f = 1MHz, Figure 6
C(OFF)
4
pF
TA = +25°C
COM_ Off Capacitance
f = 1MHz, Figure 6
CCOM(OFF)
4
pF
TA = +25°C
f = 1MHz, Figure 6
16
pF
CL = 1nF, VGEN = 0V,
RGEN = 0Ω, Figure 3
RL = 50
Ω, CL = 5pF,
f = 1MHz, Figure 4
Channel-On Capacitance
CCOM(ON)
RL - 50
Ω, CL = 5pF,
f = 1MHz, Figure 5
SUPPLY
DYNAMIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com