Electronic Components Datasheet Search
  English  ▼

X  

XP3700MT Datasheet(PDF) 4 Page - YAGEO Corporation

Part # XP3700MT
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

XP3700MT Datasheet(HTML) 4 Page - YAGEO Corporation

  XP3700MT Datasheet HTML 1Page - YAGEO Corporation XP3700MT Datasheet HTML 2Page - YAGEO Corporation XP3700MT Datasheet HTML 3Page - YAGEO Corporation XP3700MT Datasheet HTML 4Page - YAGEO Corporation XP3700MT Datasheet HTML 5Page - YAGEO Corporation XP3700MT Datasheet HTML 6Page - YAGEO Corporation XP3700MT Datasheet HTML 7Page - YAGEO Corporation XP3700MT Datasheet HTML 8Page - YAGEO Corporation XP3700MT Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
XP3700MT
N-Channel
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
4
0
10
20
30
40
50
60
01
23
4
V DS , Drain-to-Source Voltage (V)
T A =25
o C
10V
7.0V
6.0V
5.0V
V G = 4.0V
0
10
20
30
012
34
V DS , Drain-to-Source Voltage (V)
T A = 150
o C
0.0
0.4
0.8
1.2
1.6
2.0
-100
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =11A
V G =10V
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
12
14
16
18
20
22
2468
10
V GS , Gate-to-Source Voltage (V)
I D =6 A
T A =25
o C
0.0
0.4
0.8
1.2
1.6
2.0
-100
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =250uA
10V
7.0V
6.0V
5.0V
V G = 4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com