Electronic Components Datasheet Search
  English  ▼

X  

LMH0002MA Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH0002MA
Description  SMPTE 292M / 259M Serial Digital Cable Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH0002MA Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH0002MA Datasheet HTML 1Page - National Semiconductor (TI) LMH0002MA Datasheet HTML 2Page - National Semiconductor (TI) LMH0002MA Datasheet HTML 3Page - National Semiconductor (TI) LMH0002MA Datasheet HTML 4Page - National Semiconductor (TI) LMH0002MA Datasheet HTML 5Page - National Semiconductor (TI) LMH0002MA Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LMH0002
SMPTE 292M / 259M Serial Digital Cable Driver
General Description
The LMH0002 SMPTE 292M / 259M serial digital cable
driver is a monolithic, high-speed cable driver designed for
use in SMPTE 292M / 259M serial digital video and ITU-T
G.703 serial digital data transmission applications. The
LMH0002 drives 75
Ω transmission lines (Belden 8281,
Belden 1694A or equivalent) at data rates up to 1.485 Gbps.
The LMH0002 provides two selectable slew rates for
SMPTE 259M and SMPTE 292M compliance. The output
voltage swing is adjustable via a single external resistor.
The LMH0002 is powered from a single 3.3V supply. Power
consumption is typically 125mW in SD mode and 149mW in
HD mode. The LMH0002 is available in an 8-pin SOIC or
16-pin LLP package.
Features
n
SMPTE 292M, SMPTE 344M and SMPTE 259M
compliant
n
Data rates to 1.485 Gbps
n
Differential input
n
75
Ω differential output
n
Selectable slew rate
n
Adjustable output amplitude
n
Single 3.3V supply operation
n
Operating temperature range: Commercial 0˚C to +70˚C
(LMH0002MA) or Industrial −40˚C to +85˚C
(LMH0002TMA and LMH0002SQ)
n
Typical power consumption: 125mW in SD mode and
149mW in HD mode
n
8–pin SOIC or 16–pin LLP package
n
Replaces the GS1528, GS1528A, or GS1578A.
Applications
n
SMPTE 292M, SMPTE 344M, and SMPTE 259M serial
digital interfaces
n
Sonet/SDH and ATM interfaces
n
Digital routers and switches
n
Distribution amplifiers
n
Buffer applications
n
Set top boxes
n
Security cameras
Typical Application
20176102
October 2006
© 2006 National Semiconductor Corporation
DS201761
www.national.com


Similar Part No. - LMH0002MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0002MA NSC-LMH0002MA Datasheet
459Kb / 5P
SMPTE 292M / 259M Serial Digital Cable Driver
logo
Texas Instruments
LMH0002MA TI-LMH0002MA Datasheet
766Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002MA TI1-LMH0002MA Datasheet
786Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002MA TI-LMH0002MA Datasheet
766Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002MA TI-LMH0002MA Datasheet
766Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
More results

Similar Description - LMH0002MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC002 NSC-CLC002 Datasheet
446Kb / 4P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002 Datasheet
459Kb / 5P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0202_0606 NSC-LMH0202_0606 Datasheet
503Kb / 6P
Dual SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002_08 Datasheet
247Kb / 6P
SMPTE 292M / 259M Serial Digital Cable Driver
logo
Texas Instruments
LMH0002TMAX TI-LMH0002TMAX Datasheet
766Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQE TI1-LMH0002SQE Datasheet
786Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQE TI-LMH0002SQE Datasheet
766Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002MA TI-LMH0002MA Datasheet
766Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002MA TI1-LMH0002MA Datasheet
786Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 TI1-LMH0002_14 Datasheet
784Kb / 14P
SMPTE 292M / 259M Serial Digital Cable Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com