Electronic Components Datasheet Search
  English  ▼

X  

LTC6244CDD Datasheet(PDF) 12 Page - Linear Technology

Part # LTC6244CDD
Description  Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6244CDD Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC6244CDD Datasheet HTML 8Page - Linear Technology LTC6244CDD Datasheet HTML 9Page - Linear Technology LTC6244CDD Datasheet HTML 10Page - Linear Technology LTC6244CDD Datasheet HTML 11Page - Linear Technology LTC6244CDD Datasheet HTML 12Page - Linear Technology LTC6244CDD Datasheet HTML 13Page - Linear Technology LTC6244CDD Datasheet HTML 14Page - Linear Technology LTC6244CDD Datasheet HTML 15Page - Linear Technology LTC6244CDD Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC6244
12
6244f
Series Output Resistance and
Overshoot vs Capacitive Load
Series Output Resistance and
Overshoot vs Capacitive Load
Settling Time vs Output Step
(Noninverting)
TYPICAL PERFOR A CE CHARACTERISTICS
0.1Hz to 10Hz Voltage Noise
Noise Current vs Frequency
Settling Time vs Output Step
(Inverting)
Distortion vs Frequency
Maximum Undistorted Output
Signal vs Frequency
TIME (1s/DIV)
6244 G28
VS = 5V, 0V
FREQUENCY (Hz)
100
100
1000
1k
10k
100k
6244 G29
10
1
0.1
TA = 25°C
VS = ±2.5V
VCM = 0V
CAPACITIVE LOAD (pF)
10
0
10
20
30
40
60
100
1000
6244 G30
50
RS = 10Ω
RS = 50Ω
VOUT = 100mV
VS = ±2.5V
AV = –2
RS
1k
30pF
500
Ω
CL
Series Output Resistance and
Overshoot vs Capacitive Load
CAPACITIVE LOAD (pF)
10
0
10
20
30
40
60
100
1000
6244 G31
50
RS = 10Ω
RS = 50Ω
VOUT = 100mV
VS = ±2.5V
AV = –1
RS
1k
30pF
1k
CL
CAPACITIVE LOAD (pF)
10
0
10
20
30
40
60
100
1000
6244 G32
50
RS = 10Ω
RS = 50Ω
VOUT = 100mV
VS = ±2.5V
AV = 1
RS
CL
OUTPUT STEP (V)
–4
500
600
700
4
6244 G33
400
300
0
–2
0
2
–3
–1
1
3
200
100
900
1mV
1mV
800
VIN
VOUT
1k
VS = ±5V
AV = 1
TA = 25°C
NOTE: EXCEEDS INPUT
COMMON MODE RANGE
10mV
10mV
OUTPUT STEP (V)
–4
500
600
700
4
6244 G34
400
300
0
–2
0
2
–3
–1
1
3
200
100
900
1mV
1mV
800
VS = ±5V
AV = –1
TA = 25°C
10mV
10mV
VIN
VOUT
1k
1k
1k
FREQUENCY (Hz)
10k
5
7
10
100k
1M
10M
6244 G35
3
4
6
8
9
2
1
AV = –1
AV = +2
VS = ±5V
TA = 25°C
HD2, HD3 < –40dBc
FREQUENCY (Hz)
10k
–60
–50
–40
–30
100k
1M
10M
6244 G36
–70
–80
–90
–100
VS = ±2.5V
AV = +1
VOUT = 2VP-P
RL = 1k, 2ND
RL = 1k, 3RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com