Electronic Components Datasheet Search
  English  ▼

X  

JHD164A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # JHD164A
Description  16 CHAR x 4ROW DISPLAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JHD164A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button JHD164A Datasheet HTML 2Page - List of Unclassifed Manufacturers JHD164A Datasheet HTML 3Page - List of Unclassifed Manufacturers JHD164A Datasheet HTML 4Page - List of Unclassifed Manufacturers JHD164A Datasheet HTML 5Page - List of Unclassifed Manufacturers JHD164A Datasheet HTML 6Page - List of Unclassifed Manufacturers JHD164A Datasheet HTML 7Page - List of Unclassifed Manufacturers JHD164A Datasheet HTML 8Page - List of Unclassifed Manufacturers JHD164A Datasheet HTML 9Page - List of Unclassifed Manufacturers JHD164A Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
}
void soft_20ms()/***********12MHZ 提供20MS 软件延时************/
{
Soft_10ms();
soft_10ms();
}
void hard_10ms(unsigned int delaytime) /*基于10MS 的硬件延时*/
{
sys10mscounter=delaytime;
while(sys10mscounter);
}
unsigned char data lcdcounter;
bit lcdusing1,lcdusing2;
bit lcd_checkbusy()/*检查LCD 忙*/
{
register lcdstate;
dc=0;
/*dc=1为数据,=0 为命令.*/
rw=1;
/*rw=1为读,=0 为写.*/
cs=1;
/*cs=1选通.*/
soft_nop();
Lcdstate=lcdbus;
cs=0;
return((bit)(lcdstate&0x80));
}
void lcd_wrcmd(unsigned char lcdcmd) /*写LCD 命令*/
{
lcdusing1=1;
while(lcd_checkbusy());
lcdbus=lcdcmd;
Dc=0;
/*dc=1为数据,=0 为命令.*/
Rw=0;
/*rw=1为读,=0 为写.*/
Cs=1;
/*cs=1选通.*/
soft_nop();
cs=0;
lcdbus=0xff;
lcdusing1=0;
}
void lcd_moveto(char position) /*移动光标到指定位.0-79*/
{ register cmd=0x80;
lcdcounter=position;
if (position > 59)
position += 0x18;
else



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com