Electronic Components Datasheet Search
  English  ▼

X  

FS2100 Datasheet(PDF) 17 Page - Agilent(Hewlett-Packard)

Part # FS2100
Description  LOCAL BUS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

FS2100 Datasheet(HTML) 17 Page - Agilent(Hewlett-Packard)

Back Button FS2100 Datasheet HTML 13Page - Agilent(Hewlett-Packard) FS2100 Datasheet HTML 14Page - Agilent(Hewlett-Packard) FS2100 Datasheet HTML 15Page - Agilent(Hewlett-Packard) FS2100 Datasheet HTML 16Page - Agilent(Hewlett-Packard) FS2100 Datasheet HTML 17Page - Agilent(Hewlett-Packard) FS2100 Datasheet HTML 18Page - Agilent(Hewlett-Packard) FS2100 Datasheet HTML 19Page - Agilent(Hewlett-Packard) FS2100 Datasheet HTML 20Page - Agilent(Hewlett-Packard) FS2100 Datasheet HTML 21Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
17
1655x,1670/71
P32D_55
5
32 bit Demultiplexed - Analysis Probe PODS
1-6 connect to PODS 1-4 on the Master
card and 1-2 on the Slave card 1-2
respectively (PODS 1-6 on the 1670/71)
1655x,1670
P64M_55
5
64-bit Multiplexed - Analysis Probe PODS 1-
4,7,8,11 connect to Logic Analyzer PODS
1-4 on the Master card and PODS 1-3 on
the Slave Card respectively (PODS 1-7 on
the \1670)
1655x
P64D_55
5
64 bit Demultiplexed - Analysis Probe PODS
1-11 connect to Logic Analyzer PODS 1-4
on the Master card, 1-4 on the lower slave
card (positioned below the master card in
the mainframe) and PODS 1-3 on the
slave card positioned above the master
card in the mainframe respectively
1655x
P64AD55
5
32 bit address Demultiplexed and 64 bit data
Analysis Probe PODS 1-6,7,8 and 11 to
Logic Analyzer PODS 1-4 on the Master
card, 1-4 on the lower slave card
(positioned below the master card in the
mainframe) and POD 1 on the slave card
positioned above the master card in the
mainframe respectively
The PCI Active Analysis Probe Inverse Assembler file IAP64E is
automatically loaded into the logic analyzer when the
configuration file is loaded. If the Inverse Assembler does not
appear on the state listing screen select the base of the label
DATA. From the menu that appears select INVASM. The
Inverse Assembler is only for use in state mode.
The PCI Active Analysis Probe diskette sets up the format menu
to include all of the signals that are presented to the logic
analyzer. This format is the same for both Timing and State
Analysis. the labels STAT, DATA , DATA_B, ADDR and
ADDR_B are required in order run the Inverse Assembler. They
should not be changed or deleted.
The PCI Inverse
Assembler
The Format Menu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com