Electronic Components Datasheet Search
  English  ▼

X  

PL133-97 Datasheet(PDF) 11 Page - Microchip Technology

Part # PL133-97
Description  Low-Power DC to 160 MHz 1:9 Fanout Buffer IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-97 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PL133-97 Datasheet HTML 7Page - Microchip Technology PL133-97 Datasheet HTML 8Page - Microchip Technology PL133-97 Datasheet HTML 9Page - Microchip Technology PL133-97 Datasheet HTML 10Page - Microchip Technology PL133-97 Datasheet HTML 11Page - Microchip Technology PL133-97 Datasheet HTML 12Page - Microchip Technology PL133-97 Datasheet HTML 13Page - Microchip Technology PL133-97 Datasheet HTML 14Page - Microchip Technology PL133-97 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS20007036A-page 11
PL133-97
0.10
C A B
0.05
C
C
SIDE VIEW
BOTTOM VIEW
0.10
C A B
0.10
C A B
0.10 C
0.08 C
Sheet 1 of 2
16X
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Microchip Technology Drawing C04-01264 Rev A
SEATING
PLANE
B
A
0.10 C
0.10 C
2X
TOP VIEW
2X
NOTE1
(DATUM B)
(DATUM A)
E
E
E2
D2
(K)
16X b
L
e
e
2
A1
(A3)
A
16-Lead Very, Very Thin Quad Flatpack No-Lead (Q) 3x3x0.8 mm Body [WQFN]
Package Code: NEA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com