Electronic Components Datasheet Search
  English  ▼

X  

1978366 Datasheet(PDF) 2 Page - DYMO, Inc.

Part # 1978366
Description  D1®forLabelManager™
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYMO [DYMO, Inc.]
Direct Link  https://www.dymo.com/
Logo DYMO - DYMO, Inc.

1978366 Datasheet(HTML) 2 Page - DYMO, Inc.

  1978366 Datasheet HTML 1Page - DYMO, Inc. 1978366 Datasheet HTML 2Page - DYMO, Inc. 1978366 Datasheet HTML 3Page - DYMO, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Labels
that last
12 mm
19 mm
EUROPE
BELGIUM
MADE IN
DYMO® high quality labels
REACH
RoHS
Inventory
General Identification
Outdoor
Applications
Filing
Shelving
Inventory
Outdoor Recreation
Break/Storage room
Workshop
Wiring & Cable
✓
✓
✓
✓
✓
✓
✓
Find the right label for the right application
Industrial strength adhesive helps to ensure labels stay stuck to a variety of surfaces
Indoor/outdoor water-resistant design withstands UV light, heat, humidity, household cleaners
and near freezing conditions
Scratch- and tear-resistant material helps ensure text stays legible
Temperature rating: -40°C to 80°C
100% recycled material used
for external cassette
are made in Belgium
Reach
compliant
RoHS
compliant
COLOUR
12 mm
19 mm
D1DURABLE LABELS(3 m)
ABC
1978366
-
ABC
1978365
-
ABC
1978367
-
D1DURABLE LABELS(5.5 m)
ABC
1978364
-
D1 PERMANENTPOLYESTER(5.5 m)
ABC
S0718060
S0718050
D1FLEXIBLENYLON(3.5 m)
ABC
S0718040
S0718070
Temperature:
-40ºCto80ºC
Oil
Resistant
Chemical
Resistant
Water
Resistant
UV
Resistant
Textured
Surface
Flat
Surface
Temperature:
-40ºCto60ºC
UV
Resistant
Curved
Surface
Flat
Surface
UV
Resistant
Water
Resistant
Oil
Resistant
Chemical
Resistant
Temperature:
-40ºCto80ºC
Textured
Surface
Cable/Wire
Flat
Surface
UV
Resistant
Water
Resistant
Oil
Resistant
Chemical
Resistant
Temperature:
-40ºCto80ºC
Textured
Surface
Cable/Wire
Cable & Ties
Cable/Wire
This information is being provided for general information purposes and the compliance
standards and certifications referenced herein are based on current standards which are subject to change.
© 2022 Newell Brands



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com