Electronic Components Datasheet Search
  English  ▼

X  

280621 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 280621
Description  AMPMODU* Mod.I Interconnection System,
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

280621 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  280621 Datasheet HTML 1Page - TE Connectivity Ltd 280621 Datasheet HTML 2Page - TE Connectivity Ltd 280621 Datasheet HTML 3Page - TE Connectivity Ltd 280621 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
114-20040
Rev.A3
2 of 4
3.
CRIMP AND DIMENSIONAL REQUIREMENTS
3.1 Wire preparation
A. Strip Length
Insulation shall be stripped as indicated in Figure 5.
B. Workmanship
Reasonable care shall be taken not to nick, scrape or cut any strands or the solid wire during the
stripping operation
3.2 Carrier cutoff tab and burr
A. Cutoff tab
Cutoff tab shall not exceed .010
B. Burr
Burr on cutoff tab shall not exceed .003
3.3 Wire barrel crimp
A. Crimp dimensions and type
Crimp height, width and type shall be as shown in Figure 5.
B. Effective crimp length
Effective crimp length shall be .090 minimum, and is defined as that portion of the barrel, excluding
bellmouth, fully formed by the crimping tool.
C. Wire barrel flash
Wire barrel flash shall not exceed .008 as shown in Figure 2.
FIGURE 2
D. Wire barrel seam
Wire barrel seam shall be completely closed and there shall be no evidence of loose wire strands or wire
strands visible in the seam.
E. Bellmouth
Rear bellmouth length shall be .006 min.
F. Conductor location
1. End of the wire shall be flush with the front end of the wire barrel or extend .032 maximum after
crimping
2. Both insulation and conductor shall be visible between the insulation barrel and wire barrel. Care shall
be taken not to allow insulation to be crimped in the wire barrel.
.008 Max



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com