Electronic Components Datasheet Search
  English  ▼

X  

CPC1945Y Datasheet(PDF) 4 Page - Littelfuse

Part # CPC1945Y
Description  AC Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1945Y Datasheet(HTML) 4 Page - Littelfuse

  CPC1945Y Datasheet HTML 1Page - Littelfuse CPC1945Y Datasheet HTML 2Page - Littelfuse CPC1945Y Datasheet HTML 3Page - Littelfuse CPC1945Y Datasheet HTML 4Page - Littelfuse CPC1945Y Datasheet HTML 5Page - Littelfuse CPC1945Y Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R09
CPC1945Y
Maximum Surge Current (non-repetitive)
(T
J=50ºC max)
Pulse Duration (ms)
16
50
100
12
10
8
6
4
2
0
Temperature (ºC)
-40
-20
0
20
40
60
80
100
100
120
140
160
180
200
Typical Leakage Current
vs. Temperature
(V
L=400VP)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
200
400
600
800
1000
1200
Load Current, Free Air
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
500
550
600
650
700
Typical Blocking Voltage
vs. Temperature
PERFORMANCE DATA*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com