Electronic Components Datasheet Search
  English  ▼

X  

CPC1961G Datasheet(PDF) 4 Page - Littelfuse

Part # CPC1961G
Description  Dual AC Solid State Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1961G Datasheet(HTML) 4 Page - Littelfuse

  CPC1961G Datasheet HTML 1Page - Littelfuse CPC1961G Datasheet HTML 2Page - Littelfuse CPC1961G Datasheet HTML 3Page - Littelfuse CPC1961G Datasheet HTML 4Page - Littelfuse CPC1961G Datasheet HTML 5Page - Littelfuse CPC1961G Datasheet HTML 6Page - Littelfuse CPC1961G Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R10
CPC1961
Temperature (ºC)
-40
-20
0
20
40
60
80
100
710
720
730
740
750
760
770
780
790
Typical Blocking Voltage
vs. Temperature
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
140
Typical Leakage vs. Temperature
Measured Between Pins 5&6 and 7&8
(I
F=0mA, VL=600V)
Time (s)
0.001
0.01
0.1
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Maximum Non-Repetitive Surge Current
(T
A=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
50
100
150
200
250
300
Maximum Concurrent
Total Load Current vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
Typical On-State Voltage
vs. Temperature
(I
F=5mA, IL=250mA)
-3
-2
-1
0123
-300
-200
-100
0
100
200
300
Output Voltage (V)
Typical Output Voltage
vs. Output Current
(I
F=5mA, TA=25ºC)
PERFORMANCE DATA*
* Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com