Electronic Components Datasheet Search
  English  ▼

X  

CPC1961GSTR Datasheet(PDF) 2 Page - Littelfuse

Part # CPC1961GSTR
Description  Dual AC Solid State Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1961GSTR Datasheet(HTML) 2 Page - Littelfuse

  CPC1961GSTR Datasheet HTML 1Page - Littelfuse CPC1961GSTR Datasheet HTML 2Page - Littelfuse CPC1961GSTR Datasheet HTML 3Page - Littelfuse CPC1961GSTR Datasheet HTML 4Page - Littelfuse CPC1961GSTR Datasheet HTML 5Page - Littelfuse CPC1961GSTR Datasheet HTML 6Page - Littelfuse CPC1961GSTR Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R10
CPC1961
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Typical values are characteristic of the device at +25°C,
and are the result of engineering evaluations. They are
provided for information purposes only, and are not part of
the manufacturing testing requirements.
Absolute Maximum Ratings @ 25ºC
Electrical Characteristics @ 25ºC
Parameter
Ratings
Units
Blocking Voltage
600
V
P
Reverse Input Voltage
5
V
P
Input Control Current
Peak (10ms)
50
mA
1A
Input Power Dissipation 1
150
mW
Total Package Dissipation 2
800
mW
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 6.67 mW / ºC
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Operating Voltage Range
V
L
-
20
-
260
V
rms
Load Current 1, Continuous
V
L=120-240Vrms
I
L
0.005
-
250
mA
rms
Non-repetitive Single Cycle Surge Current
t < 10ms
I
TSM
--
1
A
Off State Leakage Current
V
L=600V
I
LEAK
--
1
µA
On-State Voltage Drop
I
L=250 mArms
--
-
3
V
rms
Critical Rate of Rise 2
-
dV/dt
500
-
-
V/µs
Holding Current
I
F=5 mA
I
H
-
300
-
µA
Switching Speeds
Turn-on
I
F=5 mA
t
on
-
-
0.5
cycles
Turn-off
t
off
-
-
0.5
Zero-Cross Turn-On Voltage 3
1st half-cycle
-
-
5
20
V
Subsequent half-cycles
-
-
-
5
V
Operating Frequency
-
20
-
500
Hz
Load Power Factor for Guaranteed Turn-On 4
-
PF
0.25
-
-
-
Input Characteristics
Input Control Current to Activate 5
-I
F
-
1.2
5
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.5
V
Input Drop-out Voltage
-
0.8
-
-
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics
Input to Output Capacitance
V
IO=0V, f=1MHz
C
IO
-3
-
pF
1 Maximum continuous load current of a single pole or the sum of the load currents with both poles operating simultaneously.
2 Tested in accordance with EIA/NARM standard RS-443.
3 Zero Cross 1st half-cycle @ <100Hz
4 Snubber circuits may be required at low power factors.
5 For high noise environment use at least 10mA LED drive current.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com