Electronic Components Datasheet Search
  English  ▼

X  

CPC1963GS Datasheet(PDF) 4 Page - Littelfuse

Part # CPC1963GS
Description  AC Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1963GS Datasheet(HTML) 4 Page - Littelfuse

  CPC1963GS Datasheet HTML 1Page - Littelfuse CPC1963GS Datasheet HTML 2Page - Littelfuse CPC1963GS Datasheet HTML 3Page - Littelfuse CPC1963GS Datasheet HTML 4Page - Littelfuse CPC1963GS Datasheet HTML 5Page - Littelfuse CPC1963GS Datasheet HTML 6Page - Littelfuse CPC1963GS Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R08
CPC1963
PERFORMANCE DATA*
0
800
600
400
200
0
1200
1400
1000
25
50
85
Temperature (ºC)
Typical dV/dt vs. Temperature
Vo
63%
10%
RC
Vo = 300V
dV
0.63 x 300V
189
dt
RC
RC
In accordance with
EIA/NARM Standards
RS-443 for Solid State Relays
dV/dt Method
0.278
0.276
0.274
0.272
0.270
0.268
0.266
0.264
Temperature (ºC)
Typical Leakage vs. Temperature
(V
L=600VP)
20 25 30 35 40 45 50 55 60 65 70 75 80 85 90
-40
1.2
1.0
0.8
0.6
0.4
0.2
0
055
85
Load Current, Free Air
Temperature (ºC)
R
JA=60 ºC/W
670
660
650
640
630
620
610
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
20 25 30 35 40 45 50 55 60 65 70 75 80 85 90
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com