Electronic Components Datasheet Search
  English  ▼

X  

MAX4372T Datasheet(PDF) 2 Page - Analog Devices

Part # MAX4372T
Description  Low-Cost, UCSP/SOT23, Micropower, High-Side Current-Sense Amplifier with Voltage Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4372T Datasheet(HTML) 2 Page - Analog Devices

  MAX4372T Datasheet HTML 1Page - Analog Devices MAX4372T Datasheet HTML 2Page - Analog Devices MAX4372T Datasheet HTML 3Page - Analog Devices MAX4372T Datasheet HTML 4Page - Analog Devices MAX4372T Datasheet HTML 5Page - Analog Devices MAX4372T Datasheet HTML 6Page - Analog Devices MAX4372T Datasheet HTML 7Page - Analog Devices MAX4372T Datasheet HTML 8Page - Analog Devices MAX4372T Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
VCC, RS+, RS- to GND.........................................-0.3V to +30V
OUT to GND..........................................................-0.3V to +15V
Differential Input Voltage (VRS+ - VRS-).............................±0.3V
Current into Any Pin .........................................................±10mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 3.9mW/°C above +70°C) .......312.6mW
8-Pin SO (derate 7.4mW/°C above +70°C)..............588.2mW
3 x 2 UCSP (derate 3.4mW/°C above +70°C) .........273.2mW
Operating Temperature Range........................... -40°C to +85°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
(VRS+ = 0 to 28V, VCC = 2.7V to 28V, VSENSE = 0V, RLOAD = 1MΩ, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA = +25°C.) (Note 1)
MAX4372T/F/H
Low-Cost, UCSP/SOT23, Micropower, High-Side
Current-Sense Amplifier with Voltage Output
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
(Note 2)
VCC
2.7
28
V
Common-Mode Input Range
(Note 3)
VCMR
0
28
V
Common-Mode Rejection
CMR
VRS+ > 2V
85
dB
Supply Current
ICC
VRS+ > 2V, VSENSE = 5mV
30
60
μA
Leakage Current
IRS+, IRS-
VCC = 0V, VRS+ = 28V
0.05
1.2
μA
Input Bias Current
IRS+
VRS+ > 2V
0
1
μA
VRS+ ≤ 2V
-25
+2
IRS-
VRS+ > 2V
0
2
VRS+ ≤ 2V
-50
+2
Full-Scale Sense Voltage
(Note 4)
VSENSE
Gain = 20V/V or 50V/V
150
mV
Gain = 100V/V
100
Input Offset Voltage
(Note 5)
VOS
TA = +25°C
VCC = VRS+ = 12V
MAX4372_ESA
0.3
±0.8
mV
MAX4372_EUK, _EBT
0.3
±1.3
TA = TMIN to TMAX
VCC = VRS+ = 12V
MAX4372_ESA
±1.1
MAX4372_EUK, _EBT
±1.9
Full-Scale Accuracy
(Note 5)
VSENSE = 100mV, VCC = 12V,
VRS+ = 12V, TA = +25°C (Note 7)
±0.18
±3
%
Total OUT Voltage Error
(Note 6)
VSENSE = 100mV, VCC = 12V,
VRS+ = 12V (Note 7)
±6
VSENSE = 100mV, VCC = 28V,
VRS+ = 28V (Note 7)
±0.15
±7
VSENSE = 100mV, VCC = 12V,
VRS+ = 0.1V (Note 7)
±1
±28
VSENSE = 6.25mV, VCC = 12V,
VRS+ = 12V (Note 8)
±0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com