Electronic Components Datasheet Search
  English  ▼

X  

CY2XP306 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2XP306
Description  High-frequency Programmable PECL Clock Generation Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP306 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2XP306 Datasheet HTML 1Page - Cypress Semiconductor CY2XP306 Datasheet HTML 2Page - Cypress Semiconductor CY2XP306 Datasheet HTML 3Page - Cypress Semiconductor CY2XP306 Datasheet HTML 4Page - Cypress Semiconductor CY2XP306 Datasheet HTML 5Page - Cypress Semiconductor CY2XP306 Datasheet HTML 6Page - Cypress Semiconductor CY2XP306 Datasheet HTML 7Page - Cypress Semiconductor CY2XP306 Datasheet HTML 8Page - Cypress Semiconductor CY2XP306 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PRELIMINARY
CY2XP306
Document #: 38-07725 Rev. *A
Page 2 of 9
Pin Definitions
Pin #
Pin Name
Pin Description
A2
XIN/REF
Reference Crystal Input or LVTTL
A3
XOUT
Reference Crystal Feedback
B2,B5,C1,G2,G5,A4
GND
Ground
A5,H1,H2,H4,H5
VDDA
3.3V Power Supply
A1,B1,G3,G4
VDDB
3.3V Power Supply
A6
QA1
LVPECL Clock Output
B6
QA1#
LVPECL Clock Output (Complement)
C6
QA2
LVPECL Clock Output
D6
QA2#
LVPECL Clock Output (Complement)
E6
QA3
LVPECL Clock Output
F6
QA3#
LVPECL Clock Output (Complement)
G6
QB1
LVPECL Clock Output
H6
QB1#
LVPECL Clock Output (Complement)
C4
QB2
LVPECL Clock Output
C3
QB2#
LVPECL Clock Output (Complement)
F4
QB3
LVPECL Clock Output
F3
QB3#
LVPECL Clock Output (Complement)
D1
PLL_MULT PLL Multiplier Select Input, Internal pull-up resistor, see Frequency Table
E1
MR
LVPECL Reset; Internal Pull-Down, see Function Table
F1
FSELA
LVPECL Output Divider Select; Internal Pull-Down, see Output Frequency Table
G1
FSELB
LVPECL Output Divider Select; Internal Pull-Down, see Output Frequency Table
H3
NC
No Connect
B4
SER_DATA Serial Interface Data
B3
SER_CLK Serial Interface Clock
Table 1. Frequency Table
PLL_Mult
M (PLL Multiplier)
Example Input Frequency
Example PLL Output Frequency
0
x16
19.44 MHz
311.04 MHz
19.53 MHz
312.5 MHz
1
x8
19.44 MHz
155.52 MHz
19.53 MHz
156.25 MHz
38.88 MHz
311.04 MHz
Table 2. Output Frequency Table
Control Pin
0
1
FSELA
QAx = PLL Output Frequency
QAx = PLL Output Frequency/2
FSELB
QBx = PLL Output Frequency
QBx = PLL Output Frequency/2
Table 3. Function Table
Control Pin
0
1
MR (Asynchronous)
Active
Reset (QX = Low, QX# = High)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com