Electronic Components Datasheet Search
  English  ▼

X  

MAX4444 Datasheet(PDF) 8 Page - Analog Devices

Part # MAX4444
Description  Ultra-High-Speed, Low-Distortion, Differentialto- Single-Ended Line Receivers with Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4444 Datasheet(HTML) 8 Page - Analog Devices

  MAX4444 Datasheet HTML 1Page - Analog Devices MAX4444 Datasheet HTML 2Page - Analog Devices MAX4444 Datasheet HTML 3Page - Analog Devices MAX4444 Datasheet HTML 4Page - Analog Devices MAX4444 Datasheet HTML 5Page - Analog Devices MAX4444 Datasheet HTML 6Page - Analog Devices MAX4444 Datasheet HTML 7Page - Analog Devices MAX4444 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Ultra-High-Speed, Low-Distortion, Differential-
to-Single-Ended Line Receivers with Enable
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1999 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
_______________Detailed Description
The MAX4444/MAX4445 differential-to-single-ended
line receivers offer high-speed and low-distortion per-
formance, and are ideally suited for video and RF sig-
nal-processing applications. These receivers offer a
small-signal bandwidth of 550MHz and have a high
slew rate of up to 5000V/µs. Their 120mA output capa-
bility allows them to be directly coupled to data acquisi-
tion systems.
__________Applications Information
Grounding Bypassing
Use the following high-frequency design techniques
when designing the PC board for the MAX4444/
MAX4445.
• Use a multilayer board with one layer dedicated as
the ground plane.
• Do not use wire wrap or breadboards due to high
inductance.
• Avoid IC sockets due to high parasitic capacitance
and inductance.
• Bypass supplies with a 0.1µF capacitor. Use sur-
face-mount capacitors to minimize lead inductance.
• Keep signal lines as short and straight as possible.
Do not make 90° turns. Use rounded corners. Do not
cross signal paths if possible.
• Ensure that the ground plane is free from voids.
Low-Power Enable Mode
The MAX4444/MAX4445 are disabled when EN goes
low. This reduces supply current to only 3.5mA. As the
output becomes higher impedance, the effective
impedance at the output for the MAX4444 is 1.8k
Ω. The
effective output impedance for the MAX4445 is 1.8k
Ω
plus RGAIN.
Setting Gain (MAX4445)
The MAX4445 is stable with a minimum gain configura-
tion of +2V/V. RGAIN, connected between the RG pins,
sets the gain of this device as shown in Figure 1.
Calculate the expected gain as follows:
Gain = (1 + 600 / RGAIN)
Driving Capacitive Loads
The MAX4444/MAX4445 are designed to drive capaci-
tive loads. However, excessive capacitive loads may
cause ringing or instability at the output as the phase
margin of the device reduces. Adding a small series
isolation resistor at the output helps reduce the ringing
but slightly increases gain error (Figure 2). For recom-
mended values, see
Typical Operating Characteristics.
Coaxial Line Driver
The MAX4444/MAX4445 are well suited to drive coaxial
cables. Their high output current capability can easily
drive the 75
Ω characteristic impedance of common
coaxial cables. Adjust the gain of the MAX4445 to com-
pensate for cable losses to maintain the required levels
at the input of the next stage.
Figure 1. Setting the Amplifier Gain
Figure 2. Using an Isolation Resistor for High Capacitive Loads
Chip Information
TRANSISTOR COUNT: 254
SUBSTRATE CONNECTED TO VEE
RGAIN
GAIN = 1 +
600
RGAIN
RG
RG
MAX4445
RISO
CLOAD
MAX4444
MAX4445
IN+
IN–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com