Electronic Components Datasheet Search
  English  ▼

X  

MAX4444ESE Datasheet(PDF) 2 Page - Analog Devices

Part # MAX4444ESE
Description  Ultra-High-Speed, Low-Distortion, Differentialto- Single-Ended Line Receivers with Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4444ESE Datasheet(HTML) 2 Page - Analog Devices

  MAX4444ESE Datasheet HTML 1Page - Analog Devices MAX4444ESE Datasheet HTML 2Page - Analog Devices MAX4444ESE Datasheet HTML 3Page - Analog Devices MAX4444ESE Datasheet HTML 4Page - Analog Devices MAX4444ESE Datasheet HTML 5Page - Analog Devices MAX4444ESE Datasheet HTML 6Page - Analog Devices MAX4444ESE Datasheet HTML 7Page - Analog Devices MAX4444ESE Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ultra-High-Speed, Low-Distortion, Differential-
to-Single-Ended Line Receivers with Enable
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, VEN = ≥2V, VCM = 0 , RL = ∞, REF = GND, AVCL = +2V/V, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to VEE ...........................................................................+12V
Voltage on IN+, IN-, EN, OUT+,
OUT-, RG, REF..............................(VEE - 0.3V) to (VCC + 0.3V)
Current Into IN+, IN-, RG, EN .............................................20mA
Output Short-Circuit Duration ...........................Indefinite to GND
Continuous Power Dissipation (TA = +70°C)
16-Pin Narrow SO (derate 20mW/°C above +70°C) ...1600mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VEN = 0
Guaranteed by output swing test
VEN = 0, -3.5V
≤ VOUT ≤ +3.5V, MAX4444
Guaranteed by CMRR test
-2.9V
≤ VCM ≤ +2.9V
VS = ±4.5V to ±5.5V
RL = 30Ω
-3V
≤ VOUT ≤ +3V
RL = 50Ω
RL = 100Ω
MAX4444
-2.9V
≤ VIN ≤ +2.9V
RL = 100Ω
-3V
≤ VOUT ≤ +3V,
RL = 100Ω
CONDITIONS
µA
2.2
10
IIL
EN Logic Input Low Current
V
2
VIH
EN Logic High Threshold
V
0.8
VIL
EN Logic Low Threshold
k
Ω
1.8
ROUT(OFF)
Disable Output Resistance
dB
40
55
CMRR
Common-Mode Rejection Ratio
dB
53
70
PSRR
Power-Supply Rejection Ratio
mA
90
120
IOUT
Output Current Drive
MAX4445
±3.3
±3.6
V
±3.4
±3.7
VOUT
Output Voltage Swing
%/°C
0.003
Gain-Error Drift
2.6
8
V
-1.7
1.7
VDIFF
Differential Input Voltage Range
V
-2.9
2.9
VCM
Input Common-Mode Voltage
Range
(1 + 600/RG)
2
AV
Gain
170
k
Ω
82
RIN
Differential Input Resistance
mV
15
65
VOS
Input Offset Voltage
µV/°C
12
TCVOS
Input Offset-Voltage
Temperature Coefficient
µA
10
55
IB
Input Bias Current
µA
0.25
45
IOS
Input Offset Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VIN = 0, VEN = 0
VIN = 0, VEN = 5V
VEN = 5V
3.5
5.5
mA
41
55
IQ
Quiescent Current
µA
2.6
10
IIH
EN Logic Input High Current
%
-2.9V
≤ VCM ≤ +2.9V
V/V
Guaranteed by PSRR test
V
±4.5
±5.5
Operating Supply Voltage
Range
0.5
2
Gain Error
MAX4445
MAX4444



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com