Electronic Components Datasheet Search
  English  ▼

X  

MAX4447ESE Datasheet(PDF) 5 Page - Analog Devices

Part # MAX4447ESE
Description  6500V/μs, Wideband, High-Output-Current, Single- Ended-to-Differential Line Drivers with Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4447ESE Datasheet(HTML) 5 Page - Analog Devices

  MAX4447ESE Datasheet HTML 1Page - Analog Devices MAX4447ESE Datasheet HTML 2Page - Analog Devices MAX4447ESE Datasheet HTML 3Page - Analog Devices MAX4447ESE Datasheet HTML 4Page - Analog Devices MAX4447ESE Datasheet HTML 5Page - Analog Devices MAX4447ESE Datasheet HTML 6Page - Analog Devices MAX4447ESE Datasheet HTML 7Page - Analog Devices MAX4447ESE Datasheet HTML 8Page - Analog Devices MAX4447ESE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
6500V/µs, Wideband, High-Output-Current, Single-
Ended-to-Differential Line Drivers with Enable
_______________________________________________________________________________________
5
4
-6
100k
1M
10M
100M
1G
MAX4447
SMALL-SIGNAL GAIN vs. FREQUENCY
(VOUT = 100mVp-p)
-4
FREQUENCY (Hz)
-2
0
2
3
-5
-3
-1
1
4
-6
100k
1M
10M
100M
1G
MAX4448
SMALL-SIGNAL GAIN vs. FREQUENCY
(VOUT = 100mVp-p)
-4
FREQUENCY (Hz)
-2
0
2
3
-5
-3
-1
1
4
-6
100k
1M
10M
100M
1G
MAX4449
SMALL-SIGNAL GAIN vs. FREQUENCY
(VOUT = 100mVp-p)
-4
FREQUENCY (Hz)
-2
0
2
3
-5
-3
-1
1
0.5
-0.5
100k
1M
10M
100M
1G
MAX4447
GAIN FLATNESS vs. FREQUENCY
(VOUT = 100mVp-p)
-0.3
FREQUENCY (Hz)
-0.1
0.1
0.3
0.4
-0.4
-0.2
0
0.2
0.5
-0.5
100k
1M
10M
100M
1G
MAX4448
GAIN FLATNESS vs. FREQUENCY
(VOUT = 100mVp-p)
-0.3
FREQUENCY (Hz)
-0.1
0.1
0.3
0.4
-0.4
-0.2
0
0.2
0.5
-0.5
100k
1M
10M
100M
1G
MAX4449
GAIN FLATNESS vs. FREQUENCY
(VOUT = 100mVp-p)
-0.3
FREQUENCY (Hz)
-0.1
0.1
0.3
0.4
-0.4
-0.2
0
0.2
4
-6
100k
1M
10M
100M
1G
MAX4447
LARGE-SIGNAL GAIN vs. FREQUENCY
(VOUT = 2Vp-p)
-4
FREQUENCY (Hz)
-2
0
2
3
-5
-3
-1
1
4
-6
100k
1M
10M
100M
1G
MAX4448
LARGE-SIGNAL GAIN vs. FREQUENCY
(VOUT = 2Vp-p)
-4
FREQUENCY (Hz)
-2
0
2
3
-5
-3
-1
1
4
-6
100k
1M
10M
100M
1G
MAX4449
LARGE-SIGNAL GAIN vs. FREQUENCY
(VOUT = 2Vp-p)
-4
FREQUENCY (Hz)
-2
0
2
3
-5
-3
-1
1
Typical Operating Characteristics
(VCC = +5V, VEE = -5V, VEN = +5V, VOUT = VOUT+ - VOUT-, RL = 100
Ω between OUT+ and OUT-, AV = +2V/V for MAX4447/MAX4448,
AV = +5V/V for MAX4449, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com