Electronic Components Datasheet Search
  English  ▼

X  

325502 Datasheet(PDF) 10 Page - TE Connectivity Ltd

Part # 325502
Description  AMPOWER TERMINALS AND SPLICES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

325502 Datasheet(HTML) 10 Page - TE Connectivity Ltd

Back Button 325502 Datasheet HTML 6Page - TE Connectivity Ltd 325502 Datasheet HTML 7Page - TE Connectivity Ltd 325502 Datasheet HTML 8Page - TE Connectivity Ltd 325502 Datasheet HTML 9Page - TE Connectivity Ltd 325502 Datasheet HTML 10Page - TE Connectivity Ltd 325502 Datasheet HTML 11Page - TE Connectivity Ltd 325502 Datasheet HTML 12Page - TE Connectivity Ltd 325502 Datasheet HTML 13Page - TE Connectivity Ltd 325502 Datasheet HTML 14Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AMPOWER /// PRODUCT CATALOG
Wire
Size
Wire
Range
Barrel
I.D.
Min.
Dimensions
Part
Number
T
L Max.
1/0 AWG 83,700-119,500 CM
0.468
11.89
0.042
1.07
2.42
61.47
53081
4/0 AWG
190-231 MCM
0.658
16.71
0.059
1.50
3.24
82.30
53084
250 MCM
231-275 MCM
0.700
17.78
0.065
1.65
3.51
89.15
53085
350 MCM
325-378 MCM
0.829
21.06
0.077
1.96
4.06
103.12
53087
400 MCM
375-450 MCM
0.886
22.50
0.083
2.11
4.34
110.24
53088
500 MCM
450-550 MCM
0.991
25.17
0.092
2.34
4.75
120.65
53089
Splices
Long Barrel
Butt Splice
WIRE SIZE
RANGE:
1/0 AWG to
500 MCM (50
to 253 mm2)
BASE
MATERIAL:
Annealed Copper
(ASTM B-188)
Electrodeposited
Tin Plate
(MIL-T-10727)
Wire
Size
Wire
Range
Barrel
I.D.
Min.
Tongue
Thickness
Max.
Style
Stud
Size
Dimensions
Part
Number
L Max. H Max. C Min.
K
F Min. W Max.
6002
MCM
304mm2
500-650
MCM
1.075
27.31
0.22
5.59
F
1/2
M12
4.46
113.28
0.54
13.72
0.71
18.03
1.25
31.75
-
1.95
49.53
276916-1
D
-
4.02
102.11
-
-
-
2.12
53.85
1.95
49.53
1-326211-1
G
-
6.28
159.51
-
-
-
3.25
82.55
1.95
49.53
326222
F
3/8
-
4.22
107.19
0.63
16.00
0.62
15.75
1.00
25.40
-
1.95
49.53
326809-1**
F
1/2
M12
4.97
126.24
0.63
16.00
0.62
15.75
1.75
44.45
-
1.95
49.53
327290
F
1/2
M12
4.97
126.24
0.63
16.00
0.62
15.75
1.75
44.45
-
1.95
49.53
327290-1**
7002
MCM
355mm2
650-750
MCM
1.162
29.51
0.24
6.10
E
1/2
M12
3.59
91.19
0.76
19.30
0.75
19.05
-
-
2.12
53.85
326305
I
1/2
M12
6.35
161.29
0.63
16.00
0.62
15.75
1.75
44.45
-
2.12
53.85
53686-2
8002
MCM
405mm2
750-850
MCM
1.242
31.55
0.25
6.35
E
1/2
-
3.72
94.49
0.76
19.30
0.75
19.05
-
-
2.26
57.40
326405
E
5/8
M12
3.72
94.49
0.76
19.30
0.75
19.05
-
-
2.26
57.40
326406
D
-
4.47
113.54
-
-
-
2.24
56.90
2.26
57.40
2-326413-1*
F
1/2
M12
5.23
132.84
0.63
16.00
0.62
15.75
1.75
44.45
-
2.26
57.40
327292
10002
MCM
507mm2
950-1125
MCM
1.390
35.31
0.28
7.11
F
1/2
M12
5.63
143.00
0.63
16.00
0.81
20.57
1.75
44.45
-
2.51
63.75
327294
BASE
MATERIAL:
Annealed Copper
(ASTM B-188)
Electrodeposited
Tin Plate
(MIL-T-10727)
Note: Refer to art
on facing page
**Cleaned but not plated.
**No sight hole.
2
Two crimps necessary.
inches / (mm)
AMPOWER Terminals and Splices
Terminals (continued) and Splices
L
T
Dimensions displayed in
inches / mm unless otherwise specified and are shown for reference purposes only.
Specifications subject to change.
inches / (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com