Electronic Components Datasheet Search
  English  ▼

X  

MAX4449ESE Datasheet(PDF) 2 Page - Analog Devices

Part # MAX4449ESE
Description  6500V/μs, Wideband, High-Output-Current, Single- Ended-to-Differential Line Drivers with Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4449ESE Datasheet(HTML) 2 Page - Analog Devices

  MAX4449ESE Datasheet HTML 1Page - Analog Devices MAX4449ESE Datasheet HTML 2Page - Analog Devices MAX4449ESE Datasheet HTML 3Page - Analog Devices MAX4449ESE Datasheet HTML 4Page - Analog Devices MAX4449ESE Datasheet HTML 5Page - Analog Devices MAX4449ESE Datasheet HTML 6Page - Analog Devices MAX4449ESE Datasheet HTML 7Page - Analog Devices MAX4449ESE Datasheet HTML 8Page - Analog Devices MAX4449ESE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
6500V/µs, Wideband, High-Output-Current, Single-
Ended-to-Differential Line Drivers with Enable
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, VEN
≥ 2V, VOUT = VOUT+ - VOUT- , RL = ∞, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to VEE ..........................................................................+12V
Voltage on IN, EN, OUT+, OUT-, RG ....(VEE - 0.3V) to (VCC + 0.3V)
Output Short-Circuit Duration to GND ...........................Indefinite
Continuous Power Dissipation (TA = +70°C)
16-Pin Narrow SO (derate 20mW/°C above +70°C) ..1600mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
VIN = 0, VEN
≤ VIL
VEN = 5V
Guaranteed by gain-error test
VEN = 0
VEE guaranteed by PSRR test
VCC guaranteed by PSRR test
VEN = 0, VOUT+ = VOUT- = 3.15V or -3.15V
VS = ±4.5V to ±5.5V
Short circuit to GND
RL = 20
Ω between OUT+ and OUT-
RL = 50
Ω between OUT+ and OUT-
-3.0V
≤ VIN ≤ 3.0V
VIN = 0
VIN = 0
RL = 100
Ω between OUT+ and OUT-
VIN = 0
CONDITIONS
3.2
5.5
IQ
Quiescent Current
mA
46
55
µA
0.8
10
IIH
EN Logic Input High Current
µA
-2.5
10
IIL
EN Logic Input Low Current
V
2
VIH
EN Logic High Threshold
V
0.8
VIL
EN Logic Low Threshold
µA
430
IOUT(OFF)
Output Leakage Current
dB
53
75
PSRR
Power-Supply Rejection Ratio
mA
140
ISC
Output Short-Circuit Current
mA
90
130
IOUT
Output Current Drive
V
±5.2
±6.2
VOUT
Output Voltage Swing
±6.3
±7.4
V
-6/AV
+6/AV
VIN
Input Voltage Range
V
-5.5
-4.5
VEE
4.5
5.5
VCC
Operating Supply Voltage
Range
2
k
Ω
50
RIN
Input Resistance
mV
1.3
50
VOS
Input Offset Voltage
µV/°C
25
TCVOS
Input Offset Voltage
Temperature Coefficient
µA
745
IB
Input Bias Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX4447
-6V
≤ VOUT ≤ 6V
AV
MAX4448/MAX4449
(Note 1)
Gain
V/V
2
× (1+300/RG)
VIN = 0, VEN
≥ VIH
-6V
≤ VOUT ≤ 6V
%
0.1
2
Gain Error
VOUT = 0
%/°C
-0.002
Gain Drift
MAX4447
MAX4447
MAX4448/MAX4449
MAX4448/MAX4449
-0.3
5
0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com