Electronic Components Datasheet Search
  English  ▼

X  

325708 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 325708
Description  AMPOWER TERMINALS AND SPLICES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

325708 Datasheet(HTML) 6 Page - TE Connectivity Ltd

Back Button 325708 Datasheet HTML 2Page - TE Connectivity Ltd 325708 Datasheet HTML 3Page - TE Connectivity Ltd 325708 Datasheet HTML 4Page - TE Connectivity Ltd 325708 Datasheet HTML 5Page - TE Connectivity Ltd 325708 Datasheet HTML 6Page - TE Connectivity Ltd 325708 Datasheet HTML 7Page - TE Connectivity Ltd 325708 Datasheet HTML 8Page - TE Connectivity Ltd 325708 Datasheet HTML 9Page - TE Connectivity Ltd 325708 Datasheet HTML 10Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AMPOWER /// PRODUCT CATALOG
AMPOWER Terminals and Splices
Terminals
Wire
Size
Wire
Range
Barrel
I.D.
Min.
Tongue
Thickness
Max.
Style
Stud
Size
Dimensions
Part
Number
L Max. H Max. C Min.
K
F Min. W Max.
6 AWG2
13-15
mm2
20,800-
33,100
CM
0.219
5.56
0.08
2.03
B
10
-
1.41
35.81
0.32
8.13
0.42
10.67
-
-
0.69
17.53
328141
B
1/4
M6
1.41
35.81
0.32
8.13
0.42
10.67
-
-
0.69
17.53
328142
B
5/16
M8
1.41
35.81
0.32
8.13
0.42
10.67
-
-
0.69
17.53
328143
B
3/8
-
1.41
35.81
0.32
8.13
0.42
10.67
-
-
0.69
17.53
328144
B
1/2
M12
1.43
36.32
0.38
9.65
0.43
10.92
-
-
0.77
19.56
328158
4 AWG2
21
mm2
33,100-
52,600
CM
0.275
6.99
0.08
2.03
A
-
1.41
35.81
-
-
-
0.74
18.80
0.69
17.53
328160
B
1/4
M6
1.41
35.81
0.32
8.13
0.42
10.67
-
-
0.69
17.53
328162
B
5/16
M8
1.41
35.81
0.32
8.13
0.42
10.67
-
-
0.69
17.53
328163
B
3/8
-
1.41
35.81
0.32
8.13
0.42
10.67
-
-
0.69
17.53
328164
B
1/2
M12
1.46
37.08
0.40
10.16
0.43
10.92
-
-
0.77
19.56
328178
2 AWG
34-35
mm2
52,600-
83,700
CM
0.362
9.19
0.09
2.29
A
-
1.62
41.15
-
-
-
0.82
20.83
0.71
18.03
325200
B
1/4
M6
1.62
41.15
0.34
8.64
0.50
12.70
-
-
0.71
18.03
325201
B
5/16
M8
1.62
41.15
0.34
8.64
0.50
12.70
-
-
0.71
18.03
325202
B
3/8
-
1.62
41.15
0.34
8.64
0.50
12.70
-
-
0.71
18.03
325203
A
-
2.62
66.55
-
-
-
1.83
46.48
0.71
18.03
325207
B
1/2
M12
1.70
43.18
0.41
10.41
0.50
12.70
-
-
0.78
19.81
325250
C
3/8
-
2.63
66.80
0.34
8.64
0.50
12.70
1.00
25.40
-
0.71
18.03
326799
1/0 AWG
50-60
mm2
83,700-
119,500
CM
0.485
11.63
0.10
2.54
A
-
1.97
50.04
-
-
-
1.03
26.16
0.87
22.10
325300
A
-
3.05
77.47
-
-
-
2.03
51.56
0.87
22.10
325308
G
-
4.25
107.70
-
-
-
2.83
71.88
0.87
22.10
325318
B
1/4
M6
1.97
50.04
0.42
10.67
0.62
15.75
-
-
0.87
22.10
325301
B
5/16
M8
1.97
50.04
0.42
10.67
0.62
15.75
-
-
0.87
22.10
325302
B
3/8
-
1.97
50.04
0.42
10.67
0.62
15.75
-
-
0.87
22.10
325303
B
7/16
-
1.97
50.04
0.42
10.67
0.62
15.75
-
-
0.87
22.10
325304
C
5/16
M8
2.94
74.68
0.42
10.67
0.62
15.75
-
0.87
22.10
328169
B
1/2
M12
1.97
50.04
0.42
10.67
0.62
15.75
-
-
0.87
22.10
325305
C
3/8
-
2.98
75.69
0.42
10.67
0.62
15.75
1.00
25.40
-
0.87
22.10
326800
I
1/2
M12
4.27
108.46
0.42
10.67
0.62
15.75
1.75
44.45
-
0.87
22.10
53680-2
BASE
MATERIAL:
Annealed Copper
(ASTM B-188)2
Electrodeposited
Tin Plate
(MIL-T-10727)
1
Per NEMA specification.
2
Terminals for wire sizes 6 AWG and 4 AWG are
manufactured from annealed copper per ASTM B-152.
F
W
A
G
D
H
B
C
C
E
H
H
K
F
I
C
W
W
W
W
W
L
F
L
L
L
L
L
H
C
H
K
C
F
W
H
C
H
K
C
W
W
L
L
L
Dimensions displayed in
inches / mm unless otherwise specified and are shown for reference purposes only.
Specifications subject to change.
inches / (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com