Electronic Components Datasheet Search
  English  ▼

X  

DS1284 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1284
Description  Watchdog Timekeepers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1284 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1284 Datasheet HTML 5Page - Dallas Semiconductor DS1284 Datasheet HTML 6Page - Dallas Semiconductor DS1284 Datasheet HTML 7Page - Dallas Semiconductor DS1284 Datasheet HTML 8Page - Dallas Semiconductor DS1284 Datasheet HTML 9Page - Dallas Semiconductor DS1284 Datasheet HTML 10Page - Dallas Semiconductor DS1284 Datasheet HTML 11Page - Dallas Semiconductor DS1284 Datasheet HTML 12Page - Dallas Semiconductor DS1284 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DS1284/DS1286
9 of 18
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground……………………………………………..-0.3V to +7.0V
Operating Temperature Range
Commercial………………………………………………………………………………..0
°C to +70°C
Industrial………………………………………………………………………………...-40°C to +85°C
Storage Temperature Range………………………………………………………………...-40°C to +85°C
Soldering Temperature………………..……………...See IPC/JEDEC J-STD-020 Specification (Note 13)
Stresses beyond those listed as “Absolute Maxim Ratings” may cause permanent damage to the device. These are stress ratings only, any
functional operation of the device at these or any other conditions beyond the those indicated in operations section of the specifications is no
implied. Exposure to absolute maximum ratings for extended periods may affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C or 0°C to +70°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Power-Supply Voltage
VCC
4.5
5.0
5.5
V
10
Input Logic 1
VIH
2.2
VCC +
0.3
V
10
Input Logic 0
VIL
-0.3
+0.8
V
10
VBAT Input Voltage
VBAT
2.4
3.0
3.5
V
10
DC ELECTRICAL CHARACTERISTICS
(VCC = 5V ±10%, TA = -40°C to +85°C or 0°C to +70°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Input Leakage Current
IIL
-1.0
+1.0
µA
Output Leakage Current
ILO
-1.0
+1.0
µA
I/O Leakage Current
CE
≥ VIH ≤ VCC
ILIO
-1.0
+1.0
µA
Output Current at 2.4V
IOH
-1.0
mA
Output Current at 0.4V
IOL
2.0
mA
Standby Current
CE = 2.2V
ICCS1
3.0
7.0
mA
Standby Current
CE > VCC - 0.5
ICCS2
4.0
mA
Active Current
ICC
15
mA
Write-Protection Voltage
VTP
1.088
x VBAT
1.26 x
VBAT
1.324
x VBAT
V
DC ELECTRICAL CHARACTERISTICS
(VCC = 0V, VBAT = 2.4V to 3.5V, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Battery Current (
EOSC = 0)
IBAT
+0.5
+0.6
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com