Electronic Components Datasheet Search
  English  ▼

X  

DS1305 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1305
Description  Serial Alarm Real-Time Clock
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1305 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1305 Datasheet HTML 1Page - Dallas Semiconductor DS1305 Datasheet HTML 2Page - Dallas Semiconductor DS1305 Datasheet HTML 3Page - Dallas Semiconductor DS1305 Datasheet HTML 4Page - Dallas Semiconductor DS1305 Datasheet HTML 5Page - Dallas Semiconductor DS1305 Datasheet HTML 6Page - Dallas Semiconductor DS1305 Datasheet HTML 7Page - Dallas Semiconductor DS1305 Datasheet HTML 8Page - Dallas Semiconductor DS1305 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
DS1305
2 of 21
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
TOP MARK*
DS1305
0°C to +70°C
16 DIP (300 mils)
DS1305
DS1305E+
0°C to +70°C
20 TSSOP (173 mils)
DS1305
DS1305EN+
-40°C to +85°C
20 TSSOP (173 mils)
DS1305N
DS1305EN+T&R
-40°C to +85°C
20 TSSOP (173), Tape/Reel
DS1305
DS1305E+T&R
0°C to +70°C
20 TSSOP (173 mils), Tape/Reel
DS1305
DS1305E
0°C to +70°C
20 TSSOP (173)
DS1305
DS1305EN
-40°C to +85°C
20 TSSOP (173 mils)
DS1305
DS1305EN/T&R
-40°C to +85°C
20 TSSOP (173 mils), Tape/Reel
DS1305
DS1305E/T&R
0°C to +70°C
20 TSSOP (173 mils), Tape/Reel
DS1305
DS1305N
-40°C to +85°C
16 DIP (300 mils)
DS1305N
+ Denotes a lead-free/RoHS-compliant device.
* An “N” on the top mark denotes an industrial device.
DESCRIPTION
The DS1305 serial alarm real-time clock provides a full binary coded decimal (BCD) clock calendar that
is accessed by a simple serial interface. The clock/calendar provides seconds, minutes, hours, day, date,
month, and year information. The end of the month date is automatically adjusted for months with fewer
than 31 days, including corrections for leap year. The clock operates in either the 24-hour or 12-hour
format with AM/PM indicator. In addition, 96 bytes of NV RAM are provided for data storage. The
DS1305 will maintain the time and date, provided the oscillator is enabled, as long as at least one supply
is at a valid level.
An interface logic power-supply input pin (VCCIF) allows the DS1305 to drive SDO and PF pins to a level
that is compatible with the interface logic. This allows an easy interface to 3V logic in mixed supply
systems.
The DS1305 offers dual-power supplies as well as a battery input pin. The dual power supplies support a
programmable trickle charge circuit that allows a rechargeable energy source (such as a super cap or
rechargeable battery) to be used for a backup supply. The VBAT pin allows the device to be backed up by
a non-rechargeable battery. The DS1305 is fully operational from 2.0V to 5.5V.
Two programmable time-of-day alarms are provided by the DS1305. Each alarm can generate an
interrupt on a programmable combination of seconds, minutes, hours, and day. “Don’t care” states can be
inserted into one or more fields if it is desired for them to be ignored for the alarm condition. The time-of-
day alarms can be programmed to assert two different interrupt outputs or to assert one common interrupt
output. Both interrupt outputs operate when the device is powered by VCC1, VCC2, or VBAT.
The DS1305 supports a direct interface to SPI serial data ports or standard 3-wire interface. A
straightforward address and data format is implemented in which data transfers can occur 1 byte at a time
or in multiple-byte-burst mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com