Electronic Components Datasheet Search
  English  ▼

X  

78S05 Datasheet(PDF) 9 Page - STMicroelectronics

Part # 78S05
Description  2A POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

78S05 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button 78S05 Datasheet HTML 5Page - STMicroelectronics 78S05 Datasheet HTML 6Page - STMicroelectronics 78S05 Datasheet HTML 7Page - STMicroelectronics 78S05 Datasheet HTML 8Page - STMicroelectronics 78S05 Datasheet HTML 9Page - STMicroelectronics 78S05 Datasheet HTML 10Page - STMicroelectronics 78S05 Datasheet HTML 11Page - STMicroelectronics 78S05 Datasheet HTML 12Page - STMicroelectronics 78S05 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ELECTRICAL CHARACTERISTICS FOR L78S05C (refer to the test circuits, Tj =25
oC,
Vi = 10V, Io = 500 mA unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
4.8
5
5.2
V
Vo
Output Voltage
Io =1 A
Vi = 7 V
4.75
5
5.25
V
∆Vo
Line Regulation
Vi = 7 to 25 V
Vi = 8 to 12 V
100
50
mV
mV
∆Vo
Load Regulation
Io = 20 mA to 1.5 A
Io =2 A
80
100
mV
Id
Quiescent Current
8mA
∆Id
Quiescent Current Change
Io = 20 mA to 1A
0.5
mA
∆Id
Quiescent Current Change
Io =20 mA Vi = 7 to 25 V
1.3
mA
∆Vo
∆T
Output Voltage Drift
Io = 5 mA
Tj = 0 to 70
oC
-1.1
mV/
oC
eN
Output Noise Voltage
B = 10Hz to 100KHz
40
µV
SVR
Supply Voltage Rejection
f = 120 Hz
54
dB
Vi
Operating Input Voltage
Io
≤ 1.5 A
8
V
Ro
Output Resistance
f = 1KHz
17
m
Ω
Isc
Short Circuit Current
Vi = 27 V
500
mA
Iscp
Short Circuit Peack Current
3
A
ELECTRICAL CHARACTERISTICS FOR L78S75C (refer to the test circuits, Tj =25
oC,
Vi = 12.5V, Io = 500 mA unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
7.15
7.5
7.9
V
Vo
Output Voltage
Io =1 A
Vi = 9.5 V
7.1
7.5
7.95
V
∆Vo
Line Regulation
Vi = 9.5 to 25 V
Vi = 10.5 to 20 V
120
60
mV
mV
∆Vo
Load Regulation
Io = 20 mA to 1.5 A
Io = 2 A
100
140
mV
Id
Quiescent Current
8mA
∆Id
Quiescent Current Change
Io = 20 mA to 1A
0.5
mA
∆Id
Quiescent Current Change
Io =20 mA Vi = 9.5 to 25 V
1.3
mA
∆Vo
∆T
Output Voltage Drift
Io = 5 mA
Tj = 0 to 70
oC
-0.8
mV/
oC
eN
Output Noise Voltage
B = 10Hz to 100KHz
52
µV
SVR
Supply Voltage Rejection
f = 120 Hz
48
dB
Vi
Operating Input Voltage
Io
≤ 1.5 A
10.5
V
Ro
Output Resistance
f = 1KHz
16
m
Ω
Isc
Short Circuit Current
Vi = 27 V
500
mA
Iscp
Short Circuit Peack Current
3
A
L78S00 SERIES
9/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com