Electronic Components Datasheet Search
  English  ▼

X  

L7812ABD2T Datasheet(PDF) 14 Page - STMicroelectronics

Part # L7812ABD2T
Description  PRECISION 1A REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7812ABD2T Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L7812ABD2T Datasheet HTML 9Page - STMicroelectronics L7812ABD2T Datasheet HTML 10Page - STMicroelectronics L7812ABD2T Datasheet HTML 11Page - STMicroelectronics L7812ABD2T Datasheet HTML 12Page - STMicroelectronics L7812ABD2T Datasheet HTML 13Page - STMicroelectronics L7812ABD2T Datasheet HTML 14Page - STMicroelectronics L7812ABD2T Datasheet HTML 15Page - STMicroelectronics L7812ABD2T Datasheet HTML 16Page - STMicroelectronics L7812ABD2T Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
APPLICATIONS INFORMATION
DESIGN CONSIDERATIONS
The L7800A Series of fixed voltage regulators are
designed with Thermal Overload Protection that
shuts down the circuit when subjected to an
excessive power overload condition, Internal
Short-circuit Protection that limits the maximum
current the circuit will pass, and Output Transistor
Safe-Area Compensation that reduces the output
short-circuit current as the voltage across the
pass transistor is increased.
In many low current applications, compensation
capacitors are not required. However, it is
recommended
that
the
regulator
input
be
bypassed with a capacitor if the regulator is
connected to the power supply filter with long
wire lengths, or if the output load capacitance is
large. An input bypass capacitor should be
selected
to
provide
good
high-frequency
characteristics to insure stable operation under all
load conditions. A 0.33
µF or larger tantalum,
mylar, or other capacitor having low internal
impedance at high frequencies should be chosen.
The bypass capacitor should be mounted with the
shortest possible
leads directly
across the
regulators
input
terminals.
Normally
good
construction techniques should be used to
minimize ground loops and lead resistance drops
since the regulator has no external sense lead.
Figure 4 : Current Regulator.
Figure 5 : Adjustable Output Regulator.
Figure 6 : Current Boost Regulator.
Figure 7 : Short-circuit Protection.
VO, 7.0V to 20V
Vi –VO
≥ 2.0V
The addition of an operational amplifier allows
adjustment to higher or intermediate values while
retaining regulation characteristics. The minimum
voltage obtainable with this arrangement is 2.0V
greater than the regulator voltage.
The circuit of figure 6 can be modified to provide
supply protection against short circuit by adding a
short-circuit sense resistor, Rsc, and an additional
PNP transistor. The current sensing PNP must be
able to handle the short-circuit current of the
three-terminal
regulator.
Therefore,
a
four-ampere plastic power transistor is specified.
R1 =
V BEQ1
I REQ
−
I Q1
β Q
1
IO =
I REG
+ Q 1 (I REG
−
V BEQ1
R 1
)
IO =
V XX
R 1
+ I d
L7800AB/AC
14/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com