Electronic Components Datasheet Search
  English  ▼

X  

DS1305EN/R Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS1305EN/R
Description  Serial Alarm Real-Time Clock
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1305EN/R Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS1305EN/R Datasheet HTML 13Page - Dallas Semiconductor DS1305EN/R Datasheet HTML 14Page - Dallas Semiconductor DS1305EN/R Datasheet HTML 15Page - Dallas Semiconductor DS1305EN/R Datasheet HTML 16Page - Dallas Semiconductor DS1305EN/R Datasheet HTML 17Page - Dallas Semiconductor DS1305EN/R Datasheet HTML 18Page - Dallas Semiconductor DS1305EN/R Datasheet HTML 19Page - Dallas Semiconductor DS1305EN/R Datasheet HTML 20Page - Dallas Semiconductor DS1305EN/R Datasheet HTML 21Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
DS1305
Maxim/Dallas Semiconductor cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim/Dallas Semiconductor product.
No circuit patent licenses are implied. Maxim/Dallas Semiconductor reserves the right to change the circuitry and specifications without notice at any time.
Ma xi m Integr at ed Pr oducts, 120 San Gabr i el Dr ive, Sunnyval e, CA 94086 40 8- 737- 7600
© 2005 Maxim Integrated Products
· Printed USA
The Maxim logo is a registered trademark of Maxim Integrated Products, Inc. The Dallas logo is a registered trademark of Dallas Semiconductor Corporation.
21 of 21
NOTES:
1) ICC1T and ICC2T are specified with CE set to a logic 0 and EOSC bit = 0 (oscillator enabled).
2) ICC1A and ICC2A are specified with CE = VCC, SCLK=2MHz at VCC = 5V; SCLK = 500kHz
at VCC = 2.0V, VIL = 0V, VIH = VCC, and EOSC bit = 0 (oscillator enabled).
3) Measured at VIH = 2.0V or VIL = 0.8V and 10ms maximum rise and fall time.
4) Measured with 50pF load.
5) Measured at VOH = 2.4V or VOL = 0.4V.
6) ICC1S and ICC2S are specified with CE set to a logic 0. The EOSC bit must be set to logic 1 (oscillator
disabled).
7) VCC = VCC1, when VCC1 > VCC2 + 0.2V (typical); VCC = VCC2, when VCC2 > VCC1.
8) VCC2 = 0V.
9) VCC1 = 0V.
10) VCC1 < VBAT.
11) VCCIF must be less than or equal to the largest of VCC1, VCC2, and VBAT.
12) Using a crystal on X1 and X2, rated for 6pF load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com