Electronic Components Datasheet Search
  English  ▼

X  

CY7C421 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # CY7C421
Description  256/512/1K/2K/4K x 9 Asynchronous FIFO
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C421 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CY7C421 Datasheet HTML 10Page - Cypress Semiconductor CY7C421 Datasheet HTML 11Page - Cypress Semiconductor CY7C421 Datasheet HTML 12Page - Cypress Semiconductor CY7C421 Datasheet HTML 13Page - Cypress Semiconductor CY7C421 Datasheet HTML 14Page - Cypress Semiconductor CY7C421 Datasheet HTML 15Page - Cypress Semiconductor CY7C421 Datasheet HTML 16Page - Cypress Semiconductor CY7C421 Datasheet HTML 17Page - Cypress Semiconductor CY7C421 Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
CY7C419/21/25/29/33
Document #: 38-06001 Rev. *B
Page 14 of 25
Ordering Information
Speed
(ns)
Ordering Code
Package
Type
Package Type
Operating
Range
10
CY7C419–10AC
A32
32-Pin Thin Plastic Quad Flatpack
Commercial
CY7C419–10JC
J65
32-Lead Plastic Leaded Chip Carrier
CY7C419–10JXC
J65
32-Lead Pb-Free Plastic Leaded Chip Carriers
CY7C419–10PC
P21
28-Lead (300-Mil) Molded DIP
CY7C419–10VC
V21
28-Lead (300-Mil) Molded SOJ
15
CY7C419–15AC
A32
32-Pin Thin Plastic Quad Flatpack
Commercial
CY7C419–15JC
J65
32-Lead Plastic Leaded Chip Carrier
CY7C419–15JXC
J65
32-Lead Pb-Free Plastic Leaded Chip Carrier
CY7C419–15VC
V21
28-Lead (300-Mil) Molded SOJ
CY7C419-15VXC
V21
28-Lead (300-Mil) Pb-Free Molded SOJ
CY7C419–15JI
J65
32-Lead Plastic Leaded Chip Carrier
Industrial
30
CY7C419–30JC
J65
32-Lead Plastic Leaded Chip Carrier
Commercial
40
CY7C419–40AC
A32
32-Pin Thin Plastic Quad Flatpack
CY7C419–40JC
J65
32-Lead Plastic Leaded Chip Carrier
Ordering Information (continued)
Speed
(ns)
Ordering Code
Package
Type
Package Type
Operating
Range
25
CY7C420–25PC
P15
28-Lead (600-Mil) Molded DIP
Commercial
40
CY7C420–40PC
P15
28-Lead (600-Mil) Molded DIP
65
CY7C420–65PC
P15
28-Lead (600-Mil) Molded DIP
Ordering Information (continued)
Speed
(ns)
Ordering Code
Package
Type
Package Type
Operating
Range
10
CY7C421–10AC
A32
32-Pin Thin Plastic Quad Flatpack
Commercial
CY7C421–10JC
J65
32-Lead Plastic Leaded Chip Carrier
CY7C421–10JXC
J65
32-Lead Pb-Free Plastic Leaded Chip Carriers
CY7C421–10PC
P21
28-Lead (300-Mil) Molded DIP
CY7C421–10VC
V21
28-Lead (300-Mil) Molded SOJ
15
CY7C421–15AC
A32
32-Pin Thin Plastic Quad Flatpack
Commercial
CY7C421–15AXC
A32
32-Pin Pb-Free Thin Plastic Quad Flatpack
CY7C421–15JC
J65
32-Lead Plastic Leaded Chip Carrier
CY7C421–15JI
J65
32-Lead Plastic Leaded Chip Carrier
Industrial
CY7C421–15VI
V21
28-Lead (300-Mil) Molded SOJ
CY7C421–15DMB
D22
28-Lead (300-Mil) CerDIP
Military
CY7C421–15LMB
L55
32-Pin Rectangular Leadless Chip Carrier
20
CY7C421–20JC
J65
32-Lead Plastic Leaded Chip Carrier
Commercial
CY7C421–20JXC
J65
32-Lead Pb-Free Plastic Leaded Chip Carriers
CY7C421–20PC
P21
28-Lead (300-Mil) Molded DIP
CY7C421–20VC
V21
28-Lead (300-Mil) Molded SOJ
CY7C421–20VXC
V21
28-Lead (300-Mil) Pb-Free Molded SOJ
CY7C421–20JI
J65
32-Lead Plastic Leaded Chip Carrier
Industrial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com