Electronic Components Datasheet Search
  English  ▼

X  

2425753 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 2425753
Description  ALCOSWITCH SEALED TACTILE SWITCHES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2425753 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  2425753 Datasheet HTML 1Page - TE Connectivity Ltd 2425753 Datasheet HTML 2Page - TE Connectivity Ltd 2425753 Datasheet HTML 3Page - TE Connectivity Ltd 2425753 Datasheet HTML 4Page - TE Connectivity Ltd 2425753 Datasheet HTML 5Page - TE Connectivity Ltd 2425753 Datasheet HTML 6Page - TE Connectivity Ltd 2425753 Datasheet HTML 7Page - TE Connectivity Ltd 2425753 Datasheet HTML 8Page - TE Connectivity Ltd 2425753 Datasheet HTML 9Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PRECISION TECHNOLOGY SOLUTIONS / ALCOSWITCH SEALED TACTILE SWITCHES
Alcoswitch Sealed Tactile Switches
Part Number
2506471
2506476
2506477
2506474
1977265
2425753
Sealed Tactile Series
STSB
STSC
STSE
STSD
FSMJS6
UMS
Mechanical Specifications
Size(mm)
6.45 x 6.45
4.5 x 3.65
7.1 x 8.5
8.0 x 8.0
6.0X6.0
3.0 x 2.0
Height (mm)
There are multiple options, Please refer Part list for more details.
Case Material
Case Color
Actuator Material
Actuator Color
Lifecycle (min-max)
Actuation Force
Actuator Travel
Terminal Plating
Silver (Ag)
PCB Mounting Style
J-Lead
Through Hole
Gullwing
Through
Hole
Gullwing
Gullwing
Electrical Specifications
Contact configuration
SPST
Contact rating max
50 mA @ 24 VDC
Contact rating min
10 μA @ 1 VDC
Contact resistance
max 100 mOhm
Insulation resistance
min 100 MOhm
Dielectric strength
500 VAC for 1 min
Environment Specifications
Operating Temperature
-40 to +105
Storage Temperature
Refer Drawing for individual part number
Moisture Sensitivity Level
(MSL)
1
NA
1
NA
1
1
Solder Conditions
Refer Drawing for individual part number
RoHS
EU RoHS2.0((RoHS 2011/65/EU with (EU) 2015/863 Compliance)
IP Rating
IP 67



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com