Electronic Components Datasheet Search
  English  ▼

X  

DS1602 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1602
Description  Elapsed Time Counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1602 Datasheet(HTML) 8 Page - Maxim Integrated Products

  DS1602 Datasheet HTML 1Page - Maxim Integrated Products DS1602 Datasheet HTML 2Page - Maxim Integrated Products DS1602 Datasheet HTML 3Page - Maxim Integrated Products DS1602 Datasheet HTML 4Page - Maxim Integrated Products DS1602 Datasheet HTML 5Page - Maxim Integrated Products DS1602 Datasheet HTML 6Page - Maxim Integrated Products DS1602 Datasheet HTML 7Page - Maxim Integrated Products DS1602 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DS1602
8 of 8
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V ±10%; -40°C to 85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Data to CLK Setup
tDC
50
ns
7
CLK to Data Hold
tCDH
60
ns
7
CLK to Data Delay
tCDD
200
ns
7, 8, 9
CLK Low Time
tCL
250
ns
7
CLK High Time
tCH
250
ns
7
CLK Frequency
fCLK
DC
2.0
MHz
7
CLK Rise and Fall
tF, tR
500
ns
RST
to CLK Setup
tCC
100
ns
7
CLK to RST Hold
tCCH
60
ns
7
RST
Inactive Time
tCWH
1
µs
7
RST
Low to I/O High-Z
tRDZ
70
ns
7
CLK High to I/O High- Z
tCDZ
20
ns
7
NOTES:
1) All voltages are referenced to ground.
2) Logic 1 voltages are specified at a source current of 1mA.
3) Logic 0 voltages are specified at a sink current of 4mA.
4) ICC is specified with the DQ pin open.
5) ICC1 is specified with VCC at 5.0V and RST = GND.
6) IBAT is specified with VCC < VBAT and VBAT within DC recommended operating conditions.
7) Measured at VIH = 2.0V or VIL = 0.8V.
8) Measured at VOH = 2.4V or VOL = 0.4V.
9) Load capacitance = 50pF.
10) Specified as the load capacitance for which the crystal frequency is guaranteed (see crystal
manufacturer’s data sheet).
11) Leakage current is the amount of current consumed from the battery when VCC is not present and the
oscillator is turned off.
12) Using a crystal on X1 and X2.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com