Electronic Components Datasheet Search
  English  ▼

X  

RG178 Datasheet(PDF) 1 Page - Qualwave Inc. All rights reserved.

Part # RG178
Description  Flexible RF Cables & Assemblies
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALWAVE [Qualwave Inc. All rights reserved.]
Direct Link  http://www.qualwave.com/index.htm
Logo QUALWAVE - Qualwave Inc. All rights reserved.

RG178 Datasheet(HTML) 1 Page - Qualwave Inc. All rights reserved.

  RG178 Datasheet HTML 1Page - Qualwave Inc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Flexible RF Cables & Assemblies
Qualwave Inc.
+86-28-6115-4929
sales@qualwave.com
www.qualwave.com
Rev 1.1
RG178
Low Cost
Features:
Applications:
* Low Cost
* Telecom
* Interconnect between
equipment
Electrical
Frequency:
DC~6GHz
Impedance:
50±2Ω
Velocity of Propagation:
70%
VSWR:
1.30 max.@DC~6GHz
Voltage Withstand:
1000V DC
Capacitance:
96pF/m
Mechanical
Bend Radius(installation):
10mm min.
Bend Radius(repeated):
40mm min.
Environmental
Temperature:
-55~+200
℃
Construction
No.
Name
Size (mm)
Material
1
Inner Conductor
0.3
Silverplated copper Wire
2
Dielectric
0.9
PTFE
3
Outer Conductor
1.3
Silverplated copper Wire
4
Jacket
1.8
FEP
Attenuation
Frequency (GHz)
0.1
0.4
1
2
3
4
5
6
Attenuation(dB/100m)
52
120
170
242
308
363
415
480
Calcuate Cable Attenuation: Attenuation (dB/100m) =
2.577759∗ F(MHz)+0.004024∗F(MHz)
Calcuate Connector Attenuation: Attenuation (dB) =
0.03× F(GHz)
How To Order
RG178-X-Y-Z
X: Frequency in GHz
Y: Connector type
Z: Length in meters
Examples:
To order a RG178 cable assembly, DC-3GHz, SMA male to SMA
female, 0.8 meter, specify RG178-3-SSF-0.8.
Connector naming rules:
S - SMA (6GHz, VSWR 1.4)
X - MMCX (6GHz, VSWR 1.4)
M - MCX (6GHz, VSWR 1.4)
B - BNC (4GHz, VSWR 1.4)
D - SMB (4GHz, VSWR 1.4)
Female Connector - Add‘F’after connector name
Right Angle - Add‘R’after connector name (VSWR increase 0.1)


Similar Part No. - RG178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RG178 ETC1-RG178 Datasheet
34Kb / 1P
Cable, Coax, RG178,100 M
logo
Harwin Plc
RG178 HARWIN-RG178 Datasheet
442Kb / 14P
Component Specification M80 & M83 Series Rectangular Connectors
November 2022
logo
Multicomp Pro
RG178 MULTICOMP-RG178 Datasheet
145Kb / 1P
Coaxial Cable
17/01/22 V1.0
logo
ITT Industries
RG178/U ITT-RG178/U Datasheet
452Kb / 39P
RF Coaxial Connectors
logo
Pasternack Enterprises,...
RG178B-U PASTERNACK-RG178B-U Datasheet
360Kb / 3P
Flexible RG178 Coax Cable Single Shielded with Tan FEP Jacket
More results

Similar Description - RG178

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35954-12 PASTERNACK-PE35954-12 Datasheet
171Kb / 2P
18 GHz Flexible Cable Assemblies
PE35954-18 PASTERNACK-PE35954-18 Datasheet
171Kb / 2P
18 GHz Flexible Cable Assemblies
PE3VNA1802 PASTERNACK-PE3VNA1802 Datasheet
443Kb / 5P
RF Cable Assemblies
logo
List of Unclassifed Man...
TL-8A ETC2-TL-8A Datasheet
195Kb / 6P
HUBERSUHNER짰 DATA SHEET RF ASSEMBLIES
logo
Pasternack Enterprises,...
PE3W03154-12 PASTERNACK-PE3W03154-12 Datasheet
434Kb / 4P
RF Cable Assemblies Technical Data Sheet
PE3C4447-72 PASTERNACK-PE3C4447-72 Datasheet
485Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4448-6 PASTERNACK-PE3C4448-6 Datasheet
486Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE34573-36 PASTERNACK-PE34573-36 Datasheet
369Kb / 4P
RF Cable Assemblies
logo
CRYSTEK CORPORATION
CCSMA18-MM-086F-12 CRYSTEKMICROWAVE-CCSMA18-MM-086F-12 Datasheet
1Mb / 3P
086 Flexible 50 Ohm 18 GHz Coaxial Cables
logo
Suntsu Electronics, Inc...
SCBRF SUNTSU-SCBRF Datasheet
931Kb / 3P
RF Antenna Cables
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com