Electronic Components Datasheet Search
  English  ▼

X  

DS1672 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1672
Description  I2C 32-Bit Binary Counter RTC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1672 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1672 Datasheet HTML 1Page - Maxim Integrated Products DS1672 Datasheet HTML 2Page - Maxim Integrated Products DS1672 Datasheet HTML 3Page - Maxim Integrated Products DS1672 Datasheet HTML 4Page - Maxim Integrated Products DS1672 Datasheet HTML 5Page - Maxim Integrated Products DS1672 Datasheet HTML 6Page - Maxim Integrated Products DS1672 Datasheet HTML 7Page - Maxim Integrated Products DS1672 Datasheet HTML 8Page - Maxim Integrated Products DS1672 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DS1672
5 of 15
AC ELECTRICAL CHARACTERISTICS
(VCC = 0V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Fast mode
100
400
SCL Clock
Frequency
fSCL
Standard mode
100
kHz
Fast mode
1.3
Bus Free Time
Between a STOP and
START Condition
tBUF
Standard mode
4.7
µs
Fast mode
0.6
Hold Time
(Repeated) START
Condition
tHD:STA
Standard mode
4.0
µs
6
Fast mode
1.3
LOW Period of SCL
Clock
tLOW
Standard mode
4.7
µs
Fast mode
0.6
HIGH Period of SCL
Clock
tHIGH
Standard mode
4.0
µs
Fast mode
0.6
Setup Time for a
Repeated START
Condition
tSU:STA
Standard mode
4.7
µs
Fast mode
0
0.9
Data Hold Time
tHD:DAT
Standard mode
0
µs
7, 8
Fast mode
100
Data Setup Time
tSU:DAT
Standard mode
250
ns
9
Fast mode
20 + 0.1CB
300
Rise Time of Both
SDA and SCL
Signals
tR
Standard mode
1000
ns
10
Fast mode
20 + 0.1CB
300
Fall Time of Both
SDA and SCL
Signals
tF
Standard mode
300
ns
10
Fast mode
0.6
Setup Time for STOP
Condition
tSU:STO
Standard mode
4.0
µs
Capacitive Load for
Each Bus Line
CB
400
pF
10
I/O Capacitance
CI/O
10
pF
Note 6: After this period, the first clock pulse is generated.
Note 7: A device must internally provide a hold time of at least 300ns for the SDA signal (referenced to the VIHMIN of the SCL signal) in
order to bridge the undefined region of the falling edge of SCL.
Note 8:The maximum tHD:DAT has only to be met if the device does not stretch the LOW period (tLOW) of the SCL signal.
Note 9: A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT ≥ to 250ns must then be met. This will
automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW
period of the SCL signal, it must output the next data bit to the SDA line tR max + tSU:DAT = 1000 + 250 = 1250ns before the SCL
line is released.
Note 10: CB–Total capacitance of one bus line in pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com