Electronic Components Datasheet Search
  English  ▼

X  

DS1689 Datasheet(PDF) 29 Page - Dallas Semiconductor

Part # DS1689
Description  3V/5V Serialized Real-Time Clocks with NV RAM Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689 Datasheet(HTML) 29 Page - Dallas Semiconductor

Back Button DS1689 Datasheet HTML 25Page - Dallas Semiconductor DS1689 Datasheet HTML 26Page - Dallas Semiconductor DS1689 Datasheet HTML 27Page - Dallas Semiconductor DS1689 Datasheet HTML 28Page - Dallas Semiconductor DS1689 Datasheet HTML 29Page - Dallas Semiconductor DS1689 Datasheet HTML 30Page - Dallas Semiconductor DS1689 Datasheet HTML 31Page - Dallas Semiconductor DS1689 Datasheet HTML 32Page - Dallas Semiconductor DS1689 Datasheet HTML 33Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
DS1689/DS1693
29 of 36
POWER-UP/POWER-DOWN TIMING—5V
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
CS High to Power-Fail
tPF
0
ns
Recovery at Power-Up
tREC
150
ms
VCC Slew Rate Power-Down
tF
4.0
≤ VCC ≤ 4.5V
300
µs
VCC Slew Rate Power-Down
tFB
3.0
≤ VCC ≤ 4.0V
10
µs
VCC Slew Rate Power-Up
tR
4.5V
≥ VCC ≥ 4.0V
0
µs
Expected Data Retention
tDR
10
years
13, 14
POWER-UP/POWER-DOWN TIMING—3V
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
CS High to Power-Fail
tPF
0
ns
Recovery at Power-Up
tREC
150
ms
VCC Slew Rate Power-Down
tF
2.5
≤ VCC ≤ 3.0V
300
µs
VCC Slew Rate Power-Up
tR
3.0V
≥ VCC ≥ 2.5V
0
µs
Expected Data Retention
tDR
10
years
13, 14
WARNING: Under no circumstances are negative undershoots, of any amplitude,
allowed when device is in battery-backup mode.
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Input Capacitance
CIN
12
pF
Output Capacitance
COUT
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com