Electronic Components Datasheet Search
  English  ▼

X  

DS1500WN Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1500WN
Description  Y2K Watchdog RTC with Nonvolatile Control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1500WN Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1500WN Datasheet HTML 1Page - Maxim Integrated Products DS1500WN Datasheet HTML 2Page - Maxim Integrated Products DS1500WN Datasheet HTML 3Page - Maxim Integrated Products DS1500WN Datasheet HTML 4Page - Maxim Integrated Products DS1500WN Datasheet HTML 5Page - Maxim Integrated Products DS1500WN Datasheet HTML 6Page - Maxim Integrated Products DS1500WN Datasheet HTML 7Page - Maxim Integrated Products DS1500WN Datasheet HTML 8Page - Maxim Integrated Products DS1500WN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1 of 19
REV: 111705
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS1500 is a full-function, year 2000-compliant
real-time clock/calendar (RTC) with an alarm,
watchdog timer, power-on reset, battery monitors,
256 bytes of on-board nonvolatile (NV) SRAM, NV
control for backing up an external SRAM, and a
32.768kHz output. User access to all registers within
the DS1500 is accomplished with a byte-wide
interface, as shown in Figure 7. The RTC registers
contain century, year, month, date, day, hours,
minutes, and seconds data in 24-hour binary-coded
decimal (BCD) format. Corrections for day of month
and leap year are made automatically.
APPLICATIONS
Remote Systems
Battery-Backed Systems
Telecom Switches
Office Equipment
Consumer Electronics
Pin Configuration and Typical Operating Circuit appear at
end of data sheet.
FEATURES
BCD-Coded Century, Year, Month, Date, Day,
Hours, Minutes, and Seconds with Automatic
Leap-Year Compensation Valid Up to the Year
2100
Programmable Watchdog Timer and RTC
Alarm
Century Register; Y2K-Compliant RTC
Automatic Battery Backup and Write
Protection to External SRAM
+5V Operation
Precision Power-On Reset
Power-Control Circuitry Supports System
Power-On from Date/Day/Time Alarm or Key
Closure
256 Bytes User NV RAM
Auxiliary Battery Input
Accuracy Better than ±1 Minute/Month at
+25°C
Day-of-Week/Date Alarm Register
Battery Voltage-Level Indicator Flags
Industrial Temperature Range: -40°C to +85°C
ORDERING INFORMATION
PART
TEMP RANGE
VOLTAGE (V)
PIN-PACKAGE
TOP MARK*
DS1500WE
0
°C to +70°C
3.3
32 TSOP
DS1500W
DS1500WE+
0
°C to +70°C
3.3
32 TSOP
DS1500W
DS1500WEN
-40°C to +85°C
3.3
32 TSOP
DS1500WN
DS1500WEN+
-40°C to +85°C
3.3
32 TSOP
DS1500WN
DS1500YE
0
°C to +70°C
5.0
32 TSOP
DS1500Y
DS1500YE+
0
°C to +70°C
5.0
32 TSOP
DS1500Y
DS1500YEN
-40°C to +85°C
5.0
32 TSOP
DS1500YN
DS1500YEN+
-40°C to +85°C
5.0
32 TSOP
DS1500YN
DS1500YN
-40
°C to +85°C
5.0
32 TSOP
DS1500Y
+ Denotes a lead-free/RoHS-compliant device.
* A “+” anywhere on the top mark indicates a lead-free/RoHS-compliant device. An “N” indicates an industrial temperature range device.
DS1500
Y2K Watchdog RTC with
Nonvolatile Control
www.maxim-ic.com


Similar Part No. - DS1500WN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1500WEN DALLAS-DS1500WEN Datasheet
351Kb / 19P
Y2K Watchdog RTC with Nonvolatile Control
More results

Similar Description - DS1500WN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1500 DALLAS-DS1500 Datasheet
351Kb / 19P
Y2K Watchdog RTC with Nonvolatile Control
logo
Maxim Integrated Produc...
DS1743 MAXIM-DS1743 Datasheet
185Kb / 16P
Y2K-Compliant, Nonvolatile Timekeeping
REV: 090407
DS1747 MAXIM-DS1747_10 Datasheet
213Kb / 16P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5504; Rev 9/10
DS1744 MAXIM-DS1744_10 Datasheet
190Kb / 16P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
DS1500 MAXIM-DS1500_11 Datasheet
547Kb / 20P
Y2K Watchdog RTC with Nonvolatile Control
Rev 11/11
DS1744_1203 MAXIM-DS1744_1203 Datasheet
583Kb / 16P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1746 MAXIM-DS1746_12 Datasheet
529Kb / 16P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com