Electronic Components Datasheet Search
  English  ▼

X  

DS1691 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1691
Description  3V/5V Serialized Real-Time Clocks with NV RAM Control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1691 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1691 Datasheet HTML 1Page - Dallas Semiconductor DS1691 Datasheet HTML 2Page - Dallas Semiconductor DS1691 Datasheet HTML 3Page - Dallas Semiconductor DS1691 Datasheet HTML 4Page - Dallas Semiconductor DS1691 Datasheet HTML 5Page - Dallas Semiconductor DS1691 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS1688/DS1691
3 of 6
PIN DESCRIPTION
PIN
SO
EDIP
NAME
FUNCTION
1
1
VBAUX
Auxiliary Battery Supply
2, 3
—
X1, X2
Crystal Input, Crystal Output
4
4
RCLR
Active-Low RAM Clear Input
5–12
5–12
AD0–AD7
Muxed Address/Data Bus
13
13
PWR
Active-Low Power-On Interrupt Output
14, 19
14
GND
Ground
15
15
KS
Active-Low Kickstart Input
16
16
CS
Active-Low Chip Select Input
17
17
ALE
Address Strobe
18
18
WR
Active-Low Write Data Strobe
20
20
RD
Active-Low Read Data Strobe
21
21
PSEL
+3V or +5V Power Select
22
22
IRQ
Active-Low Interrupt Request Output
23
—
VBAT
Battery + Supply
24
24
SQW
Square-Wave Output. This signal functions identical to the
DS1689/DS1693 with an exception occurring at power-up. A
32kHz square wave is output on this pin, tREC, after a power-up
condition has been detected. This condition sets the following
bits, enabling the 32kHz output: DV1 = 1, SQWE = 1, and E32K
= 1. The square wave is output on this pin if either SQWE = 1 or
E32K = 1.
25
25
VCCO
RAM Power-Supply Output
26
26
VCCI
+3V or +5V Main Supply
27
27
CEO
Active-Low RAM Chip Enable Out
28
28
CEI
Active-Low RAM Chip Enable In
—
2, 3, 19,
23
N.C.
No Connection



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com